Electronic Components Datasheet Search
  English  ▼

X  

AP7363 Datasheet(PDF) 11 Page - Diodes Incorporated

Part # AP7363
Description  1.5A, LOW QUIESCENT CURRENT, FAST TRANSIENT ULTRA-LOW DROPOUT LINEAR REGULATOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7363 Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button AP7363 Datasheet HTML 6Page - Diodes Incorporated AP7363 Datasheet HTML 7Page - Diodes Incorporated AP7363 Datasheet HTML 8Page - Diodes Incorporated AP7363 Datasheet HTML 9Page - Diodes Incorporated AP7363 Datasheet HTML 10Page - Diodes Incorporated AP7363 Datasheet HTML 11Page - Diodes Incorporated AP7363 Datasheet HTML 12Page - Diodes Incorporated AP7363 Datasheet HTML 13Page - Diodes Incorporated AP7363 Datasheet HTML 14Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
AP7363
1.5A, LOW QUIESCENT CURRENT, FAST TRANSIENT
ULTRA-LOW DROPOUT LINEAR REGULATOR
AP7363
Document number: DS35059 Rev. 2 - 2
11 of 14
www.diodes.com
July 2011
© Diodes Incorporated
Marking Information (continued)
(3) SOT223-3L
Y W X
6 3-VV
Logo
X : G : Green
( Top View )
Part Number
63 for ADJ
63-VV:10 for 1.0V
12 for 1.2V
15 for 1.5V
18 for 1.8V
25 for 2.5V
33 for 3.3V
Y : Year : 0~9
W : Week : A~Z : 1~26 week;
a~z : 27~52 week;
z repersents 52 and 53 week
Package Outline Dimensions (All Dimensions in mm)
(1) Package Type: U-DFN2030-8
Bottom View
Side View
0.10 C
0.08 C
Seating Plane
C
1.95/2.05
(Pin #1 ID)
A
B
0.10
CA B
2X-
0.25 B
TOP MARK
0.50Typ.
0.20/0.30
Land Pattern Recommendation
(Unit: mm)
Top View
8X-
C
L
C
L
1.40/1.60
C
L
Pin1
C
L
6x-0.50
8x-0.30
1.60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com