Electronic Components Datasheet Search
  English  ▼

X  

GP2W0002YP Datasheet(PDF) 8 Page - Sharp Corporation

Part # GP2W0002YP
Description  Low Power Infrared Transceiver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP2W0002YP Datasheet(HTML) 8 Page - Sharp Corporation

Back Button GP2W0002YP Datasheet HTML 4Page - Sharp Corporation GP2W0002YP Datasheet HTML 5Page - Sharp Corporation GP2W0002YP Datasheet HTML 6Page - Sharp Corporation GP2W0002YP Datasheet HTML 7Page - Sharp Corporation GP2W0002YP Datasheet HTML 8Page - Sharp Corporation GP2W0002YP Datasheet HTML 9Page - Sharp Corporation GP2W0002YP Datasheet HTML 10Page - Sharp Corporation GP2W0002YP Datasheet HTML 11Page - Sharp Corporation GP2W0002YP Datasheet HTML 12Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
GP2W0001YP/GP2W0002YP
Low Power Infrared Transceiver
8
Technical Information
Signal Waveform Example
Figure 14 shows examples of each waveform when
operating a GP2W0001YP to IrDA standards. Note that
the IrDA bitstream is inverted in the encoder and
decoder circuits, and the output pulse is sent during a
‘0’ bit. The examples are for reference only, to help
understand the GP2W0001YP hardware, and device
signal measurements. The receiver output is not gated,
and will send output for the entire period of the received
IR input signal. Refer to Figure 14 for waveform refer-
ence points.
Figure 13. GP2W0001YP Block Diagram
GP2W0001YP-31
ENCODER
CIRCUIT
2
3
4
1
5
DECODER
CIRCUIT
Figure 14. Signal Waveform Example
NOTES:
1 Transmit data waveform
2 Encoder circuit output waveform
3 Transmitter output optical signal waveform
4 GP2W0001YP receiver output waveform
5 Receive data waveform
1
Data Rate
T =
Data rate: 2.4 Kbps, 9.6 Kbps, 19.2 Kbps, 38.4 Kbps,
57.6 Kbps, 115.2 Kbps
0
0
T
3/16T
10
1
T
3
1
2
4
5
10
1
GP2W0001YP-32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com