Electronic Components Datasheet Search
  English  ▼

X  

GP2W0002YP Datasheet(PDF) 5 Page - Sharp Corporation

Part # GP2W0002YP
Description  Low Power Infrared Transceiver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP2W0002YP Datasheet(HTML) 5 Page - Sharp Corporation

  GP2W0002YP Datasheet HTML 1Page - Sharp Corporation GP2W0002YP Datasheet HTML 2Page - Sharp Corporation GP2W0002YP Datasheet HTML 3Page - Sharp Corporation GP2W0002YP Datasheet HTML 4Page - Sharp Corporation GP2W0002YP Datasheet HTML 5Page - Sharp Corporation GP2W0002YP Datasheet HTML 6Page - Sharp Corporation GP2W0002YP Datasheet HTML 7Page - Sharp Corporation GP2W0002YP Datasheet HTML 8Page - Sharp Corporation GP2W0002YP Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Low Power Infrared Transceiver
GP2W0001YP/GP2W0002YP
Technical Information
5
ELECTRICAL AND OPTICAL SPECIFICATIONS
NOTES:
1. These specifications reflect the Recommended Operating Condi-
tions, unless otherwise noted.
2. All typical values are at 25°C and 3.3 V, ambient light on the
receiver surface under 10 Lux, unless otherwise noted.
3. See Figure 7, Figure 8, and Figure 9
PARAMETER
SYMBOL
MIN.
TYP. MAX.
UNIT
CONDITIONS
NOTES
Supply Voltage
VCC
2.7
5.5
V
Maximum Reception
Distance
L1
≥ 0.2
m
2
Θ1/2 ≤ 15°, IE = 3.6 mW/sr
L2
≥ 1.0
m
2
Θ1/2 ≤ 15°, IE = 40 mW/sr
Data Rate
BR
2.4
115.2
Kbps
Operating Temperature
TOPR
-10
70
°C
RECEIVER
High Level Output Voltage
VOH
4.5
V
VCC = 5 V
VOH
2.5
V
VCC = 3 V
Low Level Output Voltage
VOL1
0.6
V
VCC = 5 V, IOL = 400 mA RxD = ON
3
VOL2
0.6
V
VCC = 3 V, IOL = 400 mA RxD = ON
3
Viewing Angle
2
Θ
30
degrees
Low Level Pulse Width
tW1
0.8
16
µs
BR = 2.4 Kbps (pulse width 78.12 µs)
tW2
0.8
8
µs
BR = 115.2 Kb/s (pulse width 1.63 µs)
ICC1
1.0
1.4
mA
No input signal, VCC = 5.0 V, output open,
VIHSD = VCC - 0.6 V
Current Consumption
0.7
1.0
mA
No input signal, VCC = 3.0 V, output open,
VIHSD = VCC - 0.6 V
ICC2
1.0
µA
Shut-down Mode
Rise Time
tR
1.2
µs
3
Fall Time
tF
0.2
µs
3
TRANSMITTER
Radiant Intensity
IE1
3.6
28.8
mW/sr
IF = 27 mA, 2Θ1/2 ≤ 15°
IE2
40
350
mW/sr
IF = 300 mA, 2Θ1/2 ≤ 15°
Peak Emission Wavelength
λp
850
870
900
nm
IF = 20 mA
Peak LED Current
ILEDA
500
mA
All modes, PW = 78.1 µs or less,
3/16 duty cycle
High Level Input Voltage
VIH
2.4
VCC
V
Measured at input circuit. Device pin will
usually not exceed 0.8 V
Low Level Input Voltage
VIL
0.0
0.4
V
Figure 7. Detector Input Signal Waveform
NOTE: At BR = 2.4 Kbps: t1 = 416.7 µs, t2 = 78.1 µs
At BR = 115.2 Kbps: t1 = 8.68 µs, t2 = 1.63 µs
t1
t2
RADIATION
INTENSITY OF
TRANSMITTER
3.6 mW/Sr MIN.
GP2W0001YP-24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com