Electronic Components Datasheet Search
  English  ▼

X  

GP2W0002YP Datasheet(PDF) 4 Page - Sharp Corporation

Part # GP2W0002YP
Description  Low Power Infrared Transceiver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP2W0002YP Datasheet(HTML) 4 Page - Sharp Corporation

  GP2W0002YP Datasheet HTML 1Page - Sharp Corporation GP2W0002YP Datasheet HTML 2Page - Sharp Corporation GP2W0002YP Datasheet HTML 3Page - Sharp Corporation GP2W0002YP Datasheet HTML 4Page - Sharp Corporation GP2W0002YP Datasheet HTML 5Page - Sharp Corporation GP2W0002YP Datasheet HTML 6Page - Sharp Corporation GP2W0002YP Datasheet HTML 7Page - Sharp Corporation GP2W0002YP Datasheet HTML 8Page - Sharp Corporation GP2W0002YP Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
GP2W0001YP/GP2W0002YP
Low Power Infrared Transceiver
4
Technical Information
ABSOLUTE MAXIMUM RATINGS
NOTES:
1. An in-band optical signal is a pulse/sequence where the peak
wavelength,
λp, is defined as 850 nm < λp < 900 nm, and the
pulse characteristics are compliant with the IrDA Physical Layer
2. See ‘IrDA Physical Layer Link Specification, Appendix A’ for
ambient light conditions.
3. See Figure 6.
RECOMMENDED OPERATING CONDITIONS
NOTES:
1. Measured at the input circuit, not the device pin. Tx input should
not exceed 0.8 VCC.
2. 0.4 or Open
PARAMETER
SYMBOL
MIN.
MAX.
UNIT
CONDITIONS
NOTE
Supply Voltage
VCC
06.0
V
Peak Forward LED Current
IFM
500
mA
Pulse 78.1 ms, 3/16-duty cycle
1, 2, 3
Operating Temperature
TOPR
-10
+70
°C3
Soldering Temperature
TSOL
230
°C
Solder reflow time: 5 seconds
Storage Temperature
TSTG
-20
+85
°C
PARAMETER
SYMBOL
MIN.
MAX.
UNIT
NOTE
Supply Voltage
VCC
2.7
5.5
V
Logic High Transmitter Input
Voltage (TxIN)
VIHTXD
2.4
VCC
V1
Logic Low Transmitter Input
Voltage (TxIN)
VILTXD
0.4
V
Shutdown Circuit High Level Input Voltage
VIHSD
VCC – 0.6
VCC
V
Shutdown Circuit Low Level Input Voltage
VILSD
0.0
0.4
V
2
Data Rate
BR
2.4
115.2
Kbps
Operating Temperature
TOPR
-10
70
°C
Figure 6. Peak Forward Current vs. Temperature
GP2W0001YP-27
PEAK
FORWARD
CURRENT
IFM (mA)
300
400
200
100
-10
60 70
100
75
50
25
AMBIENT TEMPERATURE TA (°C)
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com