Electronic Components Datasheet Search
  English  ▼

X  

GP2W0002YP Datasheet(PDF) 3 Page - Sharp Corporation

Part # GP2W0002YP
Description  Low Power Infrared Transceiver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP2W0002YP Datasheet(HTML) 3 Page - Sharp Corporation

  GP2W0002YP Datasheet HTML 1Page - Sharp Corporation GP2W0002YP Datasheet HTML 2Page - Sharp Corporation GP2W0002YP Datasheet HTML 3Page - Sharp Corporation GP2W0002YP Datasheet HTML 4Page - Sharp Corporation GP2W0002YP Datasheet HTML 5Page - Sharp Corporation GP2W0002YP Datasheet HTML 6Page - Sharp Corporation GP2W0002YP Datasheet HTML 7Page - Sharp Corporation GP2W0002YP Datasheet HTML 8Page - Sharp Corporation GP2W0002YP Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Low Power Infrared Transceiver
GP2W0001YP/GP2W0002YP
Technical Information
3
Solder Paste Footprints
Figure 3 and Figure 4 are the Solder Paste footprint
drawings for both parts. Note that the GP2W0002YP
footprint in Figure 4 is compatible with both parts.
Figure 3. GP2W0001YP Soldering Footprint
Figure 4. GP2W0002YP Soldering Footprint
0.9
0.7
P 1.4 × 5 = 7
NOTE: Viewed from the parts side of PCB.
LENS (PD/LED) SIDE
GP2W0001YP-22
1
2
3
4
5
6
0.9
0.8
0.8
LENS (PD/LED) SIDE
0.7
P 1.4 × 5 = 7
10
GP2W0001YP-23
1
2
3
4
5
6
NOTE: Viewed from the parts side of PCB.
Table 1. Pinouts
PIN NO.
DESCRIPTION
SYMBOL
1
LED Anode
LEDA
2
Transmitter Data Input
TxD
3
Shut Down Circuit Input
SD
4
Receiver Data Output
RxD
5
Ground
GND
6
Supply Voltage
VCC
Figure 5. Pin Locations
GP2W0001YP-28
PIN 1
PIN 6
PIN 1
PIN 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com