Electronic Components Datasheet Search
  English  ▼

X  

GP2W0002YP Datasheet(PDF) 1 Page - Sharp Corporation

Part # GP2W0002YP
Description  Low Power Infrared Transceiver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP2W0002YP Datasheet(HTML) 1 Page - Sharp Corporation

  GP2W0002YP Datasheet HTML 1Page - Sharp Corporation GP2W0002YP Datasheet HTML 2Page - Sharp Corporation GP2W0002YP Datasheet HTML 3Page - Sharp Corporation GP2W0002YP Datasheet HTML 4Page - Sharp Corporation GP2W0002YP Datasheet HTML 5Page - Sharp Corporation GP2W0002YP Datasheet HTML 6Page - Sharp Corporation GP2W0002YP Datasheet HTML 7Page - Sharp Corporation GP2W0002YP Datasheet HTML 8Page - Sharp Corporation GP2W0002YP Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Technical Information
1
GP2W0001YP/GP2W0002YP
IrDA Technical Information
Low Power Infrared Transceiver
FEATURES
• IrDA 1.2a Low Power Option Compatible:
–IF = 27 mA (TYP.) for an operating distance of
20 cm
• Small Package Design for IrDA 1.0 Compliant Infra-
red Transceiver 8.7 (W) × 4.2 (D) × 3.15 (H) mm
• Receiver output provides a full output pulse for the
received input signal
• Fits within Mobile Phone Connector Dimensions
• Low Power Consumption and Built-in Shut-Down
Mode (1 µA MAX.)
• Wide Range of Operating Voltages provides power
supply design flexibility (VCC = 2.7 V to 5.5 V)
• Solder Reflow Compatibility for automated produc-
tion processes
• SMD Package allows both Vertical and Horizontal
mounting on PCBs Description
DESCRIPTION
The SHARP GP2W0001YP is one of the smallest
transceiver modules. Even at low operating voltages,
it provides a reliable interface between logic and IR
signals for through-air, serial, half-duplex IR wireless
data links and is designed to satisfy IrDA physical
layer specifications.
The GP2W0002YP is the same module, and adds an
integral Electro-Magnetic Interference (EMI) shield.
While IR energy is inherently immune to EMI, the receiv-
ing devices themselves are not. This shield provides an
additional level of protection in electromagnetically noisy
environments such as PCs and other digital products.
The SHARP GP2W0001YP/GP2W0002YP infrared
transceiver modules contain a high speed, high effi-
ciency, low power consumption AlGaAs LED, silicon PIN
photodiode, and a low power bipolar integrated circuit.
The IC contains an LED driver circuit and a receiver, pro-
viding the Rx output. IrDA data rates of 2.4 Kbps to
115.2 Kbps are supported at both 20 cm and one-meter
distances. At the one-meter range, emitter current is
approximately IF = 300 mA and in the IrDA Low Power
Option communication mode IF = 27 mA. This dual
mode communication capability provides wider product
applications, such as a wireless data link with PCs,
PDAs, or any other IrDA compliant application already
on the market.
The GP2W0001YP/GP2W0002YP transceiver
modules may be operated over a power supply range
of 2.7 V to 5.5 V without any performance degradation.
This provides a single part with a wide variety of
design applications.
For power-conscious applications, the transceiver
module has a built-in Shutdown mode. This reduces
the receiver's current consumption to 1 µA (MAX.) dur-
ing Shutdown. The transmitter and receiver circuits are
separate, allowing the transmitter LED to be driven
when in Shutdown mode.
OUTLINE DIMENSIONS
The dimensions shown in Figure 1 and Figure 2 are
only for design reference, and are subject to change
wit hou t notice. The m eta l shield ca se versio n
GP2W0002YP, (for excellent noise immunity) is shown
in Figure 2. Contact your local SHARP office for the lat-
est device specifications.


Similar Part No. - GP2W0002YP

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP2W0001 SHARP-GP2W0001 Datasheet
102Kb / 15P
IrDA Data Sheet 115 kbps Transceiver
GP2W0001YP SHARP-GP2W0001YP Datasheet
102Kb / 15P
IrDA Data Sheet 115 kbps Transceiver
GP2W0004YP SHARP-GP2W0004YP Datasheet
49Kb / 7P
IrDA Transceiver Module
More results

Similar Description - GP2W0002YP

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSDL-3210 HP-HSDL-3210 Datasheet
266Kb / 20P
IrDA Compliant Low Power 1.15 Mbit/s Infrared Transceiver
logo
Sharp Corporation
GP2W0110YPS SHARP-GP2W0110YPS Datasheet
551Kb / 14P
Low Power Infrared Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
ASDL-3212 AVAGO-ASDL-3212 Datasheet
544Kb / 17P
IrDA Data Compliant Low Power 1.152 Mbit/s Infrared Transceiver
HSDL-3210 AVAGO-HSDL-3210 Datasheet
461Kb / 24P
IrDA짰 Compliant Low Power 1.15 Mbit/s Infrared Transceiver
HSDL-3211 AVAGO-HSDL-3211 Datasheet
171Kb / 18P
IrDA짰 Data Compliant Low Power 1.15 Mbit/s Infrared Transceiver
HSDL-3220 AVAGO-HSDL-3220 Datasheet
176Kb / 19P
IrDA짰 Data Compliant Low Power 4.0 Mbit/s Infrared Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-1100_98H HP-HSDL-1100_98H Datasheet
204Kb / 12P
Infrared Transceiver
logo
Motorola, Inc
MC13173 MOTOROLA-MC13173 Datasheet
340Kb / 18P
INFRARED TRANSCEIVER
logo
Lite-On Technology Corp...
HSDL-3220-021 LITEON-HSDL-3220-021 Datasheet
359Kb / 18P
IrDA짰 Data Compliant Low Power 4.0 Mbit/s Infrared Transceiver
logo
Vishay Siliconix
TFBR4650 VISHAY-TFBR4650 Datasheet
261Kb / 12P
Infrared Transceiver, 9.6 kbit/s to 115.2 kbit/s (SIR)
22-Oct-2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com