Electronic Components Datasheet Search
  English  ▼

X  

GP2W0002YP Datasheet(PDF) 7 Page - Sharp Corporation

Part # GP2W0002YP
Description  Low Power Infrared Transceiver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP2W0002YP Datasheet(HTML) 7 Page - Sharp Corporation

Back Button GP2W0002YP Datasheet HTML 3Page - Sharp Corporation GP2W0002YP Datasheet HTML 4Page - Sharp Corporation GP2W0002YP Datasheet HTML 5Page - Sharp Corporation GP2W0002YP Datasheet HTML 6Page - Sharp Corporation GP2W0002YP Datasheet HTML 7Page - Sharp Corporation GP2W0002YP Datasheet HTML 8Page - Sharp Corporation GP2W0002YP Datasheet HTML 9Page - Sharp Corporation GP2W0002YP Datasheet HTML 10Page - Sharp Corporation GP2W0002YP Datasheet HTML 11Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Low Power Infrared Transceiver
GP2W0001YP/GP2W0002YP
Technical Information
7
ELECTRICAL DESIGN APPLICATION TIPS
Figure 11 shows a circuit application and passive
component values for a GP2W0001YP. The values
shown are only for reference. Contact your local Sharp
office concerning technical reference data for optical/
electrical characteristics.
Circuit Application and
External Passive Components
The circuit application and the external passive com-
ponents shown in Figure 11 enable the GP2W0001YP
to operate at both one-meter and 20 cm low power
option communication modes at VCC = 3.0 V.
SHUTDOWN MODE
The ‘Shutdown’ pin is an active LOW terminal.
Shutdown mode only affects the power consumption
of the receiver circuits. The transmitter LED can still be
operated when SD is asserted. The two circuits are
independent and not internally connected. The trans-
mitter circuit does not consume current unless a drive
signal is applied.
Table 2. SD Pin Functions
INPUT
PERFORMANCE
HIGH
Normal Mode
LOW
Shutdown Mode
OPEN
Shutdown Mode
Figure 11. External Components
Figure 12. Receiver Activation
6
5
4
321
CX2
CX1
R1
R2
RL
RxD
TxD
SD
GP2W0001YP-29
VCC
COMPONENTS
NOTE: All recommended values are for VCC = 3.0 V
RECOMMENDED VALUES
CX1
CX2
R1
R2
47
µF, 6.3 V or as appropriate
RL
1,500 pF, 25 V
47
Ω, ±5%, 1/10 W
1 k
Ω, ±5%, 1/10 W
2.2
Ω ±5%, 1/2 W,1 meter
33
Ω ±1%, 1/8 W, 20 cm
(low power)
GP2W0001YP-30
SD
RxD
OPERATABLE
VIH
VIL
HIGH
(or OPEN)
LOW
40 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com