Electronic Components Datasheet Search
  English  ▼

X  

FN6579 Datasheet(PDF) 3 Page - Intersil Corporation

Part # FN6579
Description  Negative Signal Swing, Sub-ohm, Dual SPDT Single Supply Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

FN6579 Datasheet(HTML) 3 Page - Intersil Corporation

  FN6579 Datasheet HTML 1Page - Intersil Corporation FN6579 Datasheet HTML 2Page - Intersil Corporation FN6579 Datasheet HTML 3Page - Intersil Corporation FN6579 Datasheet HTML 4Page - Intersil Corporation FN6579 Datasheet HTML 5Page - Intersil Corporation FN6579 Datasheet HTML 6Page - Intersil Corporation FN6579 Datasheet HTML 7Page - Intersil Corporation FN6579 Datasheet HTML 8Page - Intersil Corporation FN6579 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
FN6579.2
March 11, 2011
Absolute Maximum Ratings
Thermal Information
V+ to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5 to 7.0V
Input Voltages
NOx, NCx (Note 5) . . . . . . . . . . . . . . . . (V+ - 7V) to ((V+) + 0.5V)
INx (Note 5) . . . . . . . . . . . . . . . . . . . . . . . . . -0.5 to ((V+) + 0.5V)
Output Voltages
COMx (Note 5) . . . . . . . . . . . . . . . . . . . (V+ - 7V) to ((V+) + 0.5V)
Continuous Current NOx, NCx, or COMx. . . . . . . . . . . . . ±300mA
Peak Current NOx, NCx, or COMx
(Pulsed 1ms, 10% Duty Cycle, Max) . . . . . . . . . . . . . . . . . . ±500mA
ESD Rating:
Human Body Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .>6kV
Machine Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .>400V
Charged Device Model. . . . . . . . . . . . . . . . . . . . . . . . . . . . >1.5kV
Thermal Resistance (Typical)
θJA (°C/W) θJC (°C/W)
10 Ld 3x3 TDFN Package (Notes 6, 8)
52
18
10 Ld µTQFN Package (Note 7) . . . . .
154
N/A
Maximum Junction Temperature (Plastic Package). . . . . . . +150°C
Maximum Storage Temperature Range . . . . . . . . . . . -65°C to +150°C
Pb-Free Reflow Profile. . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . -40°C to +85°C
Power Supply Range . . . . . . . . . . . . . . . . . . . . . . . . +1.8V to +6.5V
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
NOTES:
5. Signals on NC, NO, IN, or COM exceeding V+ or GND by specified amount are clamped by internal diodes. Limit forward diode current to
maximum current ratings.
6.
θJA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See
Tech Brief TB379.
7.
θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
8. For
θJC, the “case temp” location is the center of the exposed metal pad on the package underside.
Electrical Specifications - 5V Supply Test Conditions: V+ = +4.5V to +5.5V, GND = 0V, VINH = 2.4V, VINL = 0.8V (Note 9), Unless
Otherwise Specified.
PARAMETER
TEST CONDITIONS
TEMP
(°C)
MIN
(Notes 10, 11)
TYP
MAX
(Notes 10, 11) UNITS
ANALOG SWITCH CHARACTERISTICS
ON-Resistance, rON
V+ = 4.5V, ICOM = 100mA, VNO or VNC = (V+ - 6.5)
to V+ (see Figure 5)
25
-
0.52
-
Ω
Full
-
0.68
-
Ω
rON Matching Between Channels,
ΔrON
V+ = 4.5V, ICOM = 100mA, VNO or VNC = Voltage at
max rON, (Note 13)
25
-
10
-
m
Ω
Full
-
13.1
-
m
Ω
rON Flatness, RFLAT(ON)
V+ = 4.5V, ICOM = 100mA, VNO or VNC = (V+ - 6.5)
to V+, (Note 12)
25
-
0.11
-
Ω
Full
-
0.14
-
Ω
NO or NC OFF Leakage Current,
INO(OFF) or INC(OFF)
V+ = 5V, VCOM = -1.5V, 5V, VNO or VNC = 5V, -1.5V
25
-
-8.13
-
nA
Full
-
-0.4
-
µA
COM ON Leakage Current,
ICOM(ON)
V
+ = 5V, VCOM = -1.5V, 5V, VNO or VNC = Float
25
-
-4.42
-
nA
Full
-
-0.33
-
µA
DYNAMIC CHARACTERISTICS
Turn-ON Time, tON
V+ = 4.5V, VNO or VNC = 3.0V, RL = 50Ω,
CL = 35pF (see Figure 1)
25
-
35
-
ns
Full
-
50
-
ns
Turn-OFF Time, tOFF
V+ = 4.5V, VNO or VNC = 3.0V, RL = 50Ω,
CL = 35pF (see Figure 1)
25
-
16
-
ns
Full
-
22
-
ns
Break-Before-Make Time Delay, tD V+ = 5.5V, VNO or VNC = 3.0V, RL = 50Ω,
CL = 35pF (see Figure 3)
Full
-
18
-
ns
Charge Injection, Q
VG = 0V, RG = 0Ω, CL = 1.0nF (see Figure 2)
25
-
170
-
pC
OFF-Isolation
RL = 50Ω, CL = 5pF, f = 100kHz, VCOM = 1VRMS
(see Figure 4)
25
-
60
-
dB
Crosstalk (Channel-to-Channel)
RL = 50Ω, CL = 5pF, f = 1MHz, VCOM = 1VRMS
(see Figure 6)
25
-
-75
-
dB
Total Harmonic Distortion
f = 20Hz to 20kHz, VCOM = 0.5VP-P, RL = 32Ω
25
-
0.02
-
%
-3dB Bandwidth
VCOM = 1VRMS, RL = 50Ω, CL = 5pF
25
-
60
-
MHz
ISL54059



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com