Electronic Components Datasheet Search
  English  ▼

X  

FN6579 Datasheet(PDF) 10 Page - Intersil Corporation

Part # FN6579
Description  Negative Signal Swing, Sub-ohm, Dual SPDT Single Supply Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

FN6579 Datasheet(HTML) 10 Page - Intersil Corporation

Back Button FN6579 Datasheet HTML 6Page - Intersil Corporation FN6579 Datasheet HTML 7Page - Intersil Corporation FN6579 Datasheet HTML 8Page - Intersil Corporation FN6579 Datasheet HTML 9Page - Intersil Corporation FN6579 Datasheet HTML 10Page - Intersil Corporation FN6579 Datasheet HTML 11Page - Intersil Corporation FN6579 Datasheet HTML 12Page - Intersil Corporation FN6579 Datasheet HTML 13Page - Intersil Corporation FN6579 Datasheet HTML 14Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10
FN6579.2
March 11, 2011
Typical Performance Curves TA = +25°C, Unless Otherwise Specified
FIGURE 9. ON-RESISTANCE vs SUPPLY VOLTAGE vs
SWITCH VOLTAGE
FIGURE 10. ON-RESISTANCE vs SWITCH VOLTAGE
FIGURE 11. ON-RESISTANCE vs SWITCH VOLTAGE
FIGURE 12. ON-RESISTANCE vs SWITCH VOLTAGE
FIGURE 13. ON-RESISTANCE vs SWITCH VOLTAGE
FIGURE 14. ANALOG SIGNAL RANGE vs SUPPLY VOLTAGE
VCOM (V)
0
12
3
4
5
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
-1
-2
-3
-4
-5
-6
ICOM = 100mA
V+ = 1.8V
V+ = 2.7V
V+ = 4.5V
0
0.30
VCOM (V)
0.35
0.40
0.45
0.50
0.60
0.65
0.70
0.75
0.80
0.85
0.95
0.90
1.00
0.55
-3
-2
-1
12
345
ICOM = 100mA
V+ = 4.5V
T = +85°C
T = +25°C
T = -40°C
VCOM (V)
0
0.30
0.35
0.40
0.45
0.50
0.60
0.65
0.70
0.75
0.80
0.85
0.95
0.90
0.55
-3
-2
-1
12345
1.00
ICOM = 100mA
V+ = 4.3V
T = +85°C
T = +25°C
T = -40°C
VCOM (V)
0
1.05
0.35
0.45
0.65
0.75
0.85
0.95
0.55
-3
-2
-1
1
2
3
4
-5
-4
1.15
1.25
ICOM = 100mA
V+ = 2.7V
T = +85°C
T = +25°C
T = -40°C
VCOM (V)
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
0
-3
-2
-1
1
2
3
6-5
-4
ICOM = 100mA
V+ = 1.8V
T = +85°C
T = -40°C
T = +25°C
-6
-5
-4
-3
-2
-1
0
1
2
3
4
5
6
1.52.0
2.53.0
3.5
4.0
4.55.0
5.5
6.0
SUPPLY VOLTAGE (V)
SIGNAL MAX
SIGNAL MIN
ISL54059



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com