Electronic Components Datasheet Search
  English  ▼

X  

FN6579 Datasheet(PDF) 8 Page - Intersil Corporation

Part # FN6579
Description  Negative Signal Swing, Sub-ohm, Dual SPDT Single Supply Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

FN6579 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button FN6579 Datasheet HTML 4Page - Intersil Corporation FN6579 Datasheet HTML 5Page - Intersil Corporation FN6579 Datasheet HTML 6Page - Intersil Corporation FN6579 Datasheet HTML 7Page - Intersil Corporation FN6579 Datasheet HTML 8Page - Intersil Corporation FN6579 Datasheet HTML 9Page - Intersil Corporation FN6579 Datasheet HTML 10Page - Intersil Corporation FN6579 Datasheet HTML 11Page - Intersil Corporation FN6579 Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8
FN6579.2
March 11, 2011
Detailed Description
The ISL54059 is a bi-directional, dual single pole-double
throw (SPDT) analog switch that offers precise switching
from a single 1.8V to 6.5V supply with low ON-resistance
(0.83
Ω) and high speed operation (tON =55ns, tOFF = 18ns).
The device is especially well suited for portable battery
powered equipment due to its low operating supply voltage
(1.8V), low power consumption (8nA), and a tiny 1.8x1.4mm
µTQFN package or a 3x3mm TDFN package. The low
ON-resistance and rON flatness provide very low insertion
loss and signal distortion for applications that require signal
switching with minimal interference by the switch.
Supply Sequencing and Overvoltage Protection
With any CMOS device, proper power supply sequencing is
required to protect the device from excessive input currents
which might permanently damage the IC. The ISL54059
contains ESD protection diodes on each pin of the IC
(see Figure 8). These diodes connect to either a +Ring or
-Ring for ESD protection. To prevent forward biasing the
ESD diodes to the +Ring, V+ must be applied before any
input signals, and the input signal voltages must remain
between recommended operating range.
If these conditions cannot be guaranteed, then precautions
must be implemented to prohibit the current and voltage at
the logic pin and signal pins from exceeding the maximum
ratings of the switch. The following two methods can be used
to provided additional protection to limit the current in the
event that the voltage at a logic pin or switch terminal goes
above the V+ rail.
Logic inputs can be protected by adding a 1k
Ω resistor in
series with the logic input (see Figure 8). The resistor limits
FIGURE 4. OFF-ISOLATION TEST CIRCUIT
FIGURE 5. rON TEST CIRCUIT
FIGURE 6. CROSSTALK TEST CIRCUIT
FIGURE 7. CAPACITANCE TEST CIRCUIT
Test Circuits and Waveforms (Continued)
ANALYZER
RL
SIGNAL
GENERATOR
V+
C
0V OR V+
NO OR NC
COM
IN
GND
Signal direction through switch is reversed, worst case values
are recorded. Repeat test for all switches.
*50
Ω SOURCE
V+
C
0V OR V+
NO OR NC
COM
IN
GND
VNX
V1
rON = V1/100mA
100mA
Repeat test for all switches.
0V OR V+
ANALYZER
V+
C
NO1 OR NC1
SIGNAL
GENERATOR
RL
GND
INX
COM1
50
Ω
NC
COM2
NC2 OR NO2
Signal direction through switch is reversed, worst case values
are recorded. Repeat test for all switches.
*50
Ω SOURCE
V+
C
GND
NO OR NC
COM
IN
IMPEDANCE
ANALYZER
0V OR V+
COM is connected to NO or NC
during ON capacitance measurement.
ISL54059



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com