Electronic Components Datasheet Search
  English  ▼

X  

FN6579 Datasheet(PDF) 13 Page - Intersil Corporation

Part # FN6579
Description  Negative Signal Swing, Sub-ohm, Dual SPDT Single Supply Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

FN6579 Datasheet(HTML) 13 Page - Intersil Corporation

Back Button FN6579 Datasheet HTML 6Page - Intersil Corporation FN6579 Datasheet HTML 7Page - Intersil Corporation FN6579 Datasheet HTML 8Page - Intersil Corporation FN6579 Datasheet HTML 9Page - Intersil Corporation FN6579 Datasheet HTML 10Page - Intersil Corporation FN6579 Datasheet HTML 11Page - Intersil Corporation FN6579 Datasheet HTML 12Page - Intersil Corporation FN6579 Datasheet HTML 13Page - Intersil Corporation FN6579 Datasheet HTML 14Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
13
FN6579.2
March 11, 2011
ISL54059
Thin Dual Flat No-Lead Plastic Package (TDFN)
//
NX (b)
SECTION "C-C"
FOR ODD TERMINAL/SIDE
e
CC
5
CL
TERMINAL TIP
(A1)
BOTTOM VIEW
A
6
AREA
INDEX
C
C
0.10
0.08
SIDE VIEW
0.10
2X
E
A
B
C
0.10
D
TOP VIEW
CB
2X
6
8
AREA
INDEX
NX L
E2
E2/2
REF.
e
N
(Nd-1)Xe
(DATUM A)
(DATUM B)
5
0.10
8
7
D2
B
A
C
N-1
12
PLANE
SEATING
C
A
A3
NX b
D2/2
NX k
L1
9 L
M
L10.3x3A
10 LEAD THIN DUAL FLAT NO-LEAD PLASTIC PACKAGE
SYMBOL
MILLIMETERS
NOTES
MIN
NOMINAL
MAX
A
0.70
0.75
0.80
-
A1
-
-
0.05
-
A3
0.20 REF
-
b
0.20
0.25
0.30
5, 8
D
2.95
3.0
3.05
-
D2
2.25
2.30
2.35
7, 8
E
2.95
3.0
3.05
-
E2
1.45
1.50
1.55
7, 8
e
0.50 BSC
-
k0.25
-
-
-
L
0.25
0.30
0.35
8
N10
2
Nd
5
3
Rev. 3 3/06
NOTES:
1. Dimensioning and tolerancing conform to ASME Y14.5-1994.
2. N is the number of terminals.
3. Nd refers to the number of terminals on D.
4. All dimensions are in millimeters. Angles are in degrees.
5. Dimension b applies to the metallized terminal and is measured
between 0.15mm and 0.30mm from the terminal tip.
6. The configuration of the pin #1 identifier is optional, but must be
located within the zone indicated. The pin #1 identifier may be
either a mold or mark feature.
7. Dimensions D2 and E2 are for the exposed pads which provide
improved electrical and thermal performance.
8. Nominal dimensions are provided to assist with PCB Land
Pattern Design efforts, see Intersil Technical Brief TB389.
9. Compliant to JEDEC MO-229-WEED-3 except for D2
dimensions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com