Electronic Components Datasheet Search
  English  ▼

X  

FN6579 Datasheet(PDF) 6 Page - Intersil Corporation

Part # FN6579
Description  Negative Signal Swing, Sub-ohm, Dual SPDT Single Supply Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

FN6579 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button FN6579 Datasheet HTML 2Page - Intersil Corporation FN6579 Datasheet HTML 3Page - Intersil Corporation FN6579 Datasheet HTML 4Page - Intersil Corporation FN6579 Datasheet HTML 5Page - Intersil Corporation FN6579 Datasheet HTML 6Page - Intersil Corporation FN6579 Datasheet HTML 7Page - Intersil Corporation FN6579 Datasheet HTML 8Page - Intersil Corporation FN6579 Datasheet HTML 9Page - Intersil Corporation FN6579 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
FN6579.2
March 11, 2011
Electrical Specifications - 1.8V Supply Test Conditions: V+ = +1.8V, GND = 0V, VINH = 1.0V, VINL = 0.4V (Note 9), Unless Otherwise
Specified
.
PARAMETER
TEST CONDITIONS
TEMP
(°C)
MIN
(Notes 10, 11) TYP
MAX
(Notes 10, 11) UNITS
ANALOG SWITCH CHARACTERISTICS
ON-Resistance, rON
V+ = 1.8V, ICOM = 100mA, VNO or VNC = (V+ - 6.5V)
to V+, (see Figure 5)
25
-
1.87
-
Ω
Full
-
1.97
-
Ω
rON Matching Between
Channels,
ΔrON
V+ = 1.8V, ICOM = 100mA, VNO or VNC = Voltage at
max rON (Note 13)
25
-
16
-
m
Ω
Full
-
30
-
m
Ω
rON Flatness, RFLAT(ON)
V+ = 1.8V, ICOM = 100mA, VNO or VNC = (V+ - 6.5V)
to V+ (Notes 12)
25
-
1.34
-
Ω
Full
-
1.43
-
Ω
DYNAMIC CHARACTERISTICS
Turn-ON Time, tON
V+ = 1.8V, VNO or VNC = 1.8V, RL = 50Ω, CL = 35pF
(see Figure 1)
25
-
145
-
ns
Full
-
150
-
ns
Turn-OFF Time, tOFF
V+ = 1.8V, VNO or VNC = 1.8V, RL = 50Ω, CL = 35pF
(see Figure 1)
25
-
20
-
ns
Full
-
22
-
ns
Break-Before-Make Time Delay,
tD
V+ = 1.8V, VNO or VNC = 1.8V, RL = 50Ω, CL = 35pF
(see Figure 3)
Full
-
130
-
ns
Charge Injection, Q
CL = 1.0nF, VG = 0V, RG = 0Ω (see Figure 2)
25
-
40
-
pC
NOx or NCx OFF Capacitance,
COFF
f = 1MHz (see Figure 7)
25
-
36
-
pF
COMx ON Capacitance,
CCOM(ON)
f = 1MHz (see Figure 7)
25
-
88
-
pF
DIGITAL INPUT CHARACTERISTICS
Input Voltage Low, VINL
25
-
-
0.4
V
Input Voltage High, VINH
25
1.0
-
-
V
Input Current, IINH, IINL
V+ = 2.0V, VIN = 0V or V+
25
-0.5
-
0.5
µA
Input Current, IINH, IINL
V+ = 2.0V, VIN = 0V or V+
Full
-
0.19
-
µA
NOTES:
9. VIN = input voltage to perform proper function.
10. The algebraic convention, whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet.
11. Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise specified. Temperature limits established by
characterization and are not production tested.
12. Flatness is defined as the difference between maximum and minimum value of on-resistance over the specified analog signal range.
13. rON matching between channels is calculated by subtracting the channel with the highest max rON value from the channel with lowest max rON
value, between NC1 and NC2 or between NO1 and NO2.
14. Limits established by characterization and are not production tested.
ISL54059



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com