Electronic Components Datasheet Search
  English  ▼

X  

FN6579 Datasheet(PDF) 7 Page - Intersil Corporation

Part # FN6579
Description  Negative Signal Swing, Sub-ohm, Dual SPDT Single Supply Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

FN6579 Datasheet(HTML) 7 Page - Intersil Corporation

Back Button FN6579 Datasheet HTML 3Page - Intersil Corporation FN6579 Datasheet HTML 4Page - Intersil Corporation FN6579 Datasheet HTML 5Page - Intersil Corporation FN6579 Datasheet HTML 6Page - Intersil Corporation FN6579 Datasheet HTML 7Page - Intersil Corporation FN6579 Datasheet HTML 8Page - Intersil Corporation FN6579 Datasheet HTML 9Page - Intersil Corporation FN6579 Datasheet HTML 10Page - Intersil Corporation FN6579 Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7
FN6579.2
March 11, 2011
Test Circuits and Waveforms
Logic input waveform is inverted for switches that have the opposite
logic sense.
FIGURE 1A. MEASUREMENT POINTS
Repeat test for all switches. CL includes fixture and stray
capacitance.
FIGURE 1B. TEST CIRCUIT
FIGURE 1. SWITCHING TIMES
FIGURE 2A. MEASUREMENT POINTS
FIGURE 2B. TEST CIRCUIT
FIGURE 2. CHARGE INJECTION
FIGURE 3A. MEASUREMENT POINTS
Repeat test for all switches. CL includes fixture and stray
capacitance.
FIGURE 3B. TEST CIRCUIT
FIGURE 3. BREAK-BEFORE-MAKE TIME
50%
tr < 5ns
tf < 5ns
tOFF
90%
V+
0V
VNO
0V
tON
LOGIC
INPUT
SWITCH
INPUT
SWITCH
OUTPUT
90%
VOUT
VOUT
V(NO or NC)
RL
RL rON
+
------------------------
=
SWITCH
INPUT
LOGIC
INPUT
VOUT
RL
CL
COM
NO OR NC
IN
50
Ω
35pF
GND
V+
C
VOUT
ΔVOUT
ON
OFF
ON
Q =
ΔVOUT x CL
SWITCH
OUTPUT
LOGIC
INPUT
V+
0V
CL
VOUT
RG
VG
GND
COM
NO OR NC
V+
C
LOGIC
INPUT
IN
Repeat test for all switches.
90%
V+
0V
tBBM
LOGIC
INPUT
SWITCH
OUTPUT
0V
VOUT
LOGIC
INPUT
IN
COM
RL
CL
VOUT
35pF
50
Ω
NO
NC
V+
GND
VNX
C
ISL54059



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com