Electronic Components Datasheet Search
  English  ▼

X  

LR38603 Datasheet(PDF) 1 Page - Sharp Corporation

Part # LR38603
Description  Digital Signal Processor for Color CCD Cameras
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LR38603 Datasheet(HTML) 1 Page - Sharp Corporation

  LR38603 Datasheet HTML 1Page - Sharp Corporation LR38603 Datasheet HTML 2Page - Sharp Corporation LR38603 Datasheet HTML 3Page - Sharp Corporation LR38603 Datasheet HTML 4Page - Sharp Corporation LR38603 Datasheet HTML 5Page - Sharp Corporation LR38603 Datasheet HTML 6Page - Sharp Corporation LR38603 Datasheet HTML 7Page - Sharp Corporation LR38603 Datasheet HTML 8Page - Sharp Corporation LR38603 Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
LR38603
1
LR38603
Digital Signal Processor for
Color CCD Cameras
DESCRIPTION
The LR38603 is a CMOS digital signal processor for
color CCD video camera systems of 270 k/320 k/
410 k/470 k-pixel CCDs with complementary color
filters. The video camera system consists of
CDS/PGA/ADC IC (IR3Y48A1), DSP IC (LR38603)
and V driver IC (LR36685) with CCD.
FEATURES
• Designed for 1/4-type 270 k/320 k/410 k/470 k-
pixel color CCDs with Mg, G, CY, and Ye
complementary color filters
• Switchable between NTSC and PAL modes
• Built-in signal generation circuit for driving CCD
and various pulses for TV signals
• Parameters for camera signal processing can be
set
• Built-in auto exposure control
• Built-in auto white balance control
• Built-in auto carrier balance control
• Built-in drive circuit for 2 K-bit EEPROM
• Built-in 9-bit D/A converter
• Built-in mirror image output
• Built-in circuit to reduce line crawl noise
• Built-in auto white detect correction
• YUV digital output (8 bits x 2)
• UYVY digital output (8 bits x 1)
• Analog video output
• External clock input (8 fsc)
• Built-in vertical reset
• Built-in horizontal reset
• Single +3.3 V power supply
• Package :
80-pin LQFP (P-LQFP080-1212) 0.5 mm pin-pitch
In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP devices shown in
catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.
BACK


Similar Part No. - LR38603

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LR38616 SHARP-LR38616 Datasheet
64Kb / 9P
Timing Generator IC for 2 140 k-pixel CCDs
LR38617 SHARP-LR38617 Datasheet
97Kb / 9P
Timing Generator IC for 3 300 k/3 370 k-pixel CCDs
LR38620 SHARP-LR38620 Datasheet
95Kb / 9P
Timing Generator IC for 4200 k-pixwl CCD
LR38630 SHARP-LR38630 Datasheet
78Kb / 20P
Digital Signal Processor for CIF CMOS Image Cameras
LR38637 SHARP-LR38637 Datasheet
105Kb / 15P
Digital Signal Processor For VGA/CIF CMOS Image Sensors
More results

Similar Description - LR38603

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LR38266 SHARP-LR38266 Datasheet
92Kb / 20P
Digital Signal Processor for Color CCD Cameras
LR38269 SHARP-LR38269 Datasheet
93Kb / 20P
Digital Signal Processor for Color CCD Cameras
logo
Burr-Brown (TI)
VSP2000 BURR-BROWN-VSP2000 Datasheet
291Kb / 12P
CCD SIGNAL PROCESSOR FOR DIGITAL CAMERAS
VSP2210 BURR-BROWN-VSP2210 Datasheet
123Kb / 11P
CCD SIGNAL PROCESSOR For Digital Cameras
VSP2212 BURR-BROWN-VSP2212 Datasheet
125Kb / 11P
CCD SIGNAL PROCESSOR For Digital Cameras
VSP2260 BURR-BROWN-VSP2260 Datasheet
221Kb / 13P
CCD SIGNAL PROCESSOR for DIGITAL CAMERAS
logo
Texas Instruments
VSP2270 TI-VSP2270 Datasheet
258Kb / 19P
CCD SIGNAL PROCESSOR FOR DIGITAL CAMERAS
logo
A1 PROs co., Ltd.
AI2152 A1PROS-AI2152 Datasheet
142Kb / 33P
Digital Signal Processor for Color CCD Cameras
logo
Texas Instruments
VSP2230 TI1-VSP2230_14 Datasheet
1Mb / 4P
CCD SIGNAL PROCESSOR For Digital Cameras
VSP2232 TI1-VSP2232_16 Datasheet
497Kb / 4P
CCD SIGNAL PROCESSOR For Digital Cameras
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com