Electronic Components Datasheet Search
  English  ▼

X  

LR38603 Datasheet(PDF) 7 Page - Sharp Corporation

Part # LR38603
Description  Digital Signal Processor for Color CCD Cameras
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LR38603 Datasheet(HTML) 7 Page - Sharp Corporation

Back Button LR38603 Datasheet HTML 3Page - Sharp Corporation LR38603 Datasheet HTML 4Page - Sharp Corporation LR38603 Datasheet HTML 5Page - Sharp Corporation LR38603 Datasheet HTML 6Page - Sharp Corporation LR38603 Datasheet HTML 7Page - Sharp Corporation LR38603 Datasheet HTML 8Page - Sharp Corporation LR38603 Datasheet HTML 9Page - Sharp Corporation LR38603 Datasheet HTML 10Page - Sharp Corporation LR38603 Datasheet HTML 11Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
LR38603
7
DSP REGISTER TABLE
ADDRESS
NAME
BIT
CONTENTS
00h
STOP_EEPROM
[7 : 0] Stop reading from EEPROM only when EEPROM data is FF.
01h
LPF_TH
[7]
H : Luminance signal processing without LPF (when using B/W CCD)
CCD_SEL
[6 : 5] 00 : 270 k pixel CCD (NTSC) 01 : 410 k pixel CCD (NTSC)
10 : 320 k pixel CCD (PAL)
11 : 470 k pixel CCD (PAL)
ADTI
[4 : 3] Input data timing adjustment
00 : Reference 01 : 1 clock delay 10 : 1 clock forward 11 : 2 clocks forward
[2]
1 : Latch with inverted clock
SEL_CDS
[1 : 0] Fixed to 1X (IR3Y48A1)
02h
NI
[6]
0 : Interlace
1 : Non-interlace
MODE_OUT_SIG
[5 : 3]
Select output mode.
000 : Analog video output
EXCKI : Vertical reset pulse input
001 : Analog video output
EXCKI : 8 fsc clock input
EEMD2 : Horizontal reset pulse input
EEMD3 : Vertical reset pulse input
010 : Analog video output
EEMD2 : Horizontal reset pulse input
EEMD3 : Vertical reset pulse input
100 : YUV digital video output : Clock rate of video data pixel-CK
101 : YUV digital video output : Clock rate of video data EXCKI
110 : UYVY digital video output : Clock rate of video data EXCKI
011, 111 are prohibited.
START_EE
[2]
Shutter speed at power-on
0 : minimum
1 : maximum
AGC_FIX
[1]
PGA control
0 : Auto
1 : Fixed
OB_SEL
[0]
Carrier balance control
0 : Auto
1 : Fixed
03h
HD_SEL
[6 : 5] Select output signal from HD pin
00 : HD output (CCD drive timing) 01 : HD output (video output timing)
10 : BELL pulse (in analog video output), HREF (in digital video output)
11 : Fixed to L level
VD_SEL
[4 : 3] Select output signal from VD pin
00 : VD output (CCD drive timing) 01 : VD output (video output timing)
10 : Fixed to L level (in analog video output), VS (in digital video output)
11 : Fixed to L level (in analog video output), CSYNC (in digital video
output)
DCK1_SEL
[2 : 1] Select output signal from DCK1 pin (in analog video output)
00 : CSYNC 01 : CBLNK 1X : Fixed to L level
DCK2_SEL
[0]
Select output signal from DCK2 pin (in analog video output)
0 : Fluorescent signal 1 : Fixed to L level
04h
SW_CTRL
[7 : 0] Electronic shutter control (EEMDS, EEMD1, EEME2, EEMD3), mirror video
output (MIR [MSB]), internal register for exposure-standard (BLC) and white
balance (WB2, WB1 [LSB]) are set when selecting digital output mode with
MODE_OUT_SIG (address 02h).
Shutter control of EEMD2 and EEMD3 is set by the register of SW_CTRL
and that of EEMDS and EEMD1 is set by pin 41 and pin 42 when setting
"001" and "010" with MODE_OUT_SIG (address 02h).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com