Electronic Components Datasheet Search
  English  ▼

X  

LR38603 Datasheet(PDF) 13 Page - Sharp Corporation

Part # LR38603
Description  Digital Signal Processor for Color CCD Cameras
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LR38603 Datasheet(HTML) 13 Page - Sharp Corporation

Back Button LR38603 Datasheet HTML 9Page - Sharp Corporation LR38603 Datasheet HTML 10Page - Sharp Corporation LR38603 Datasheet HTML 11Page - Sharp Corporation LR38603 Datasheet HTML 12Page - Sharp Corporation LR38603 Datasheet HTML 13Page - Sharp Corporation LR38603 Datasheet HTML 14Page - Sharp Corporation LR38603 Datasheet HTML 15Page - Sharp Corporation LR38603 Datasheet HTML 16Page - Sharp Corporation LR38603 Datasheet HTML 17Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
LR38603
13
ADDRESS
NAME
BIT
CONTENTS
7Dh
APT_HCL
[6 : 0] Suppression level of horizontal edge signal.
7Eh
APT_VGA
[4 : 0] Initial value of APT_VGA (gain of vertical edge signal)
7Fh
APT_VCL
[6 : 0] Suppression level of vertical edge signal.
APT_S
[7 : 0] Start point of edge signal suppression (PGA gain).
81h
APT_H
[5 : 0] Gain of edge signal suppression.
APT_Y
[5 : 0] Start point of edge signal suppression in maximum PGA gained luminance.
CKI_HCL2
[7 : 0] Luminance suppression point of high luminance aperture.
CKI_ETI
[6]
Select level of edge signal, used in internal calculation. 1 : 1/4 times
[5 : 3] Delete timing of horizontal edge : –2 to +2
[2 : 0] Delete timing of vertical edge : –2 to +2
85h
LC_K1
[7 : 0] Difference of 0H, 2H signal allowed level, for judgment of line crawl.
LC_MAX
[7 : 0] Judgment of luminance level, for judgment of line crawl.
SETUP
[6]
Switch CBLK level.
[5 : 0] Adjustment of setup level (complement of 2).
89h
BAS_R
[7]
Sign of burst level R – Y 1 : – direction 0 : + direction
[6 : 0] Burst level R – Y.
8Ah
BAS_B
[7]
Sign of burst level B – Y 1 : – direction 0 : + direction
[6 : 0] Burst level B – Y (sign + absolute value).
8Bh
OUTGA
[6]
1 : Mute in encoder.
[5]
1 : Stop adding SYNC to analog output.
[4 : 0] Gain of analog output (1 time at 10h).
[7 : 0] Adjustment of SYNC level.
[7]
1 : Disable output mute at power-on.
[6 : 0] Period of mute (MUTE_OUT x 2 vertical period)
8Eh
SEL_FH
[7]
Switch attribute of FH
1 : Inverted
SEL_FR
[6]
Switch attribute of FR
1 : Inverted
SEL_ADCK
[5 : 3] ADCK phase adjustment
When using 270 k, 320 k-pixel CCDs 000 : standard to 101 : 300˚ (delayed
from "000" to "101" every 60˚.)
When using 410 k, 470 k-pixel CCDs 000 : standard to 101 : 270˚ (delayed
from "000" to "101" every 45˚.)
[2 : 0] FS phase adjustment 000 : standard to 111 : 14 ns delay (delayed from
"000" to "111" every 2 ns.)
80h
82h
83h
84h
86h
LC_K2
[7 : 0] Difference of R, B signal allowed level, for judgment of line crawl.
87h
88h
8Ch
SYNCLEV
8Dh
MUTE_OUT
SEL_FS
8Fh
SEL_FH2
[7 : 6] FH2 phase adjustment
00 : standard 01 : 1 ns delay 10 : 2 ns delay 11 : 3 ns delay
SEL_FCDS
[5 : 3] FCDS phase adjustment 000 : standard to 111 : 14 ns delay (delayed from
"000" to "111" every 2 ns.)
[2 : 0] RS phase adjustment 000 : standard to 111 : 14 ns delay (delayed from
"000" to "111" every 2 ns.)
[6]
1 : Standby
[5 : 0] Period of return from standby (STANDBY x vertical period)
SEL_RS
90h
STANDBY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com