Electronic Components Datasheet Search
  English  ▼

X  

LR38603 Datasheet(PDF) 16 Page - Sharp Corporation

Part # LR38603
Description  Digital Signal Processor for Color CCD Cameras
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LR38603 Datasheet(HTML) 16 Page - Sharp Corporation

Back Button LR38603 Datasheet HTML 12Page - Sharp Corporation LR38603 Datasheet HTML 13Page - Sharp Corporation LR38603 Datasheet HTML 14Page - Sharp Corporation LR38603 Datasheet HTML 15Page - Sharp Corporation LR38603 Datasheet HTML 16Page - Sharp Corporation LR38603 Datasheet HTML 17Page - Sharp Corporation LR38603 Datasheet HTML 18Page - Sharp Corporation LR38603 Datasheet HTML 19Page - Sharp Corporation LR38603 Datasheet HTML 20Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
LR38603
16
D3h
TST_C6_01
[7 : 0]
Test address (Set 00h)
D4h
TST_C6_02
[6 : 0]
Test address (Set 00h)
D5h
TST_C4_IO0
[7 : 0]
Test address (Set 00h)
D6h
TST_C4_IO1
[4 : 0]
Test address (Set 00h)
D7h
TST_C4_IO2
[7 : 0]
Test address (Set 00h)
D8h
TST_C4_S0
[7 : 0]
Test address (Set 00h)
D9h
TST_C4_S1
[7 : 0]
Test address (Set 00h)
DAh
TST_C4_S2
[0]
Test address (Set 00h)
DBh
TST_C5_T0
[7 : 0]
Test address (Set 00h)
DCh
TST_C5_T1
[7 : 0]
Test address (Set 00h)
DDh
TST_C5_T2
[5 : 0]
Test address (Set 00h)
DEh
TST_SEL71
[7 : 0]
Test address (Set 00h)
DFh
TST_SEL72
[1 : 0]
Test address (Set 00h)
E0h
TEST_C8_00
[7 : 0]
Test address (Set 00h)
E1h
TEST_C8_01
[7 : 0]
Test address (Set 00h)
E2h
TEST_C8_02
[7 : 0]
Test address (Set 00h)
E3h
TEST_C8_03
[7 : 0]
Test address (Set 00h)
E4h
TEST_C8_04
[7 : 0]
Test address (Set 00h)
E5h
TEST_C8_05
[7 : 0]
Test address (Set 00h)
E6h
TEST_C8_06
[7 : 0]
Test address (Set 00h)
E7h
TEST_C8_07
[7 : 0]
Test address (Set 00h)
E8h
TEST_C8_08
[7 : 0]
Test address (Set 00h)
E9h
TEST_C8_09
[6 : 0]
Test address (Set 00h)
F0h
TST_REG1
[7 : 0]
Test address (Set 00h)
F1h
TST_REG2
[7 : 0]
Test address (Set 00h)
F2h
TST_REG3
[7 : 0]
Test address (Set 00h)
F3h
TST_REG4
[7 : 0]
Test address (Set 00h)
ADDRESS
NAME
BIT
CONTENTS
C6h
TST_SEL1D
[1 : 0]
Test address (Set 00h)
C7h
TST_SEL1V1
[7 : 0]
Test address (Set 00h)
C8h
TST_SEL1V2
[7 : 0]
Test address (Set 00h)
C9h
TST_SEL1V3
[7 : 0]
Test address (Set 00h)
CAh
TST_SEL1V4
[7 : 0]
Test address (Set 00h)
CBh
TST_C2_OB3
[6 : 0]
Test address (Set 00h)
CCh
TST_C2_OB4
[6 : 0]
Test address (Set 00h)
CDh
TST_C2_DL1
[7 : 0]
Test address (Set 00h)
CEh
TST_C2_DL2
[7 : 0]
Test address (Set 00h)
CFh
TST_C2_YL
[5 : 0]
Test address (Set 00h)
D0h
TST_C2_GAMMA1 [7 : 0]
Test address (Set 00h)
D1h
TST_SSG_SEL
[2]
Test address (Set 00h)
TST_C2_GAMMA2 [1 : 0]
Test address (Set 00h)
D2h
TST_C6_00
[7 : 0]
Test address (Set 00h)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com