Electronic Components Datasheet Search
  English  ▼

X  

LR38603 Datasheet(PDF) 22 Page - Sharp Corporation

Part # LR38603
Description  Digital Signal Processor for Color CCD Cameras
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LR38603 Datasheet(HTML) 22 Page - Sharp Corporation

Back Button LR38603 Datasheet HTML 18Page - Sharp Corporation LR38603 Datasheet HTML 19Page - Sharp Corporation LR38603 Datasheet HTML 20Page - Sharp Corporation LR38603 Datasheet HTML 21Page - Sharp Corporation LR38603 Datasheet HTML 22Page - Sharp Corporation LR38603 Datasheet HTML 23Page - Sharp Corporation LR38603 Datasheet HTML 24Page - Sharp Corporation LR38603 Datasheet HTML 25Page - Sharp Corporation LR38603 Datasheet HTML 26Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
LR38603
22
q Weighted data 3
I (or Q) data come from the following equation.
Weighted data 3 =
{(I11 + I12 + I13 + I14)/4 + (I21 + I22 + I23 + I24)/4 +
+ (I31 + I32 + I33 + I34)/4 + (I41 + I42 + I43 +
I44)/4}/4
w Weighted data 4
Weighting area can be chosen by CWPA_IQ
(address 34h).
Weighted data come from averaged data in chosen
area.
e White balance area setting
The sum of I and Q can be regulated by the
luminance level and the color level.
Setting available luminance level range :
High level :
AWB_HCL (address 2Eh) + [{K_CL (address 31h)
x H peak level + (256 – K_CL) x Exposure control
data}/256
–
REF_WBPK
(address
30h)]
x
K_WBCL (address 32h)
Low level :
AWB_LCL (address 2Fh) + [{K_CL (address 31h) x
H peak level + (256 – K_CL) x Exposure control
data}/256
–
REF_WBPK
(address
30h)]
x
K_WBCL (address 32h)
Setting target zone :
AWB_IP_L (address 36h), AWB_IM_L (address 37h)
AWB_QP_L (address 38h), AWB_QM_L (address 39h)
If white balance data are less than the data of
AWB_IW_S and AWB_QW_S (address 40h) the
target zone of auto white balance changes to the
zone by the data below.
Setting target zone :
AWB_IP_S (address 3Ah), AWB_IM_S (address 3Bh)
AWB_QP_S (address 3Ch), AWB_QM_S (address 3Dh)
Auto Color Matrix and Level
Compensation
Color matrix compensation can be done by
R – Y = R – Y±(Data1 x B – Y)
B – Y = B – Y±(Data2 x R – Y)
Color level compensation can be done by
R – Y = R – Y x Data3
B – Y = B – Y x Data4
The above data come from the following equation
along the variation of color temperature.
MODE1 : Present WBR factor < WBR1
MODE2 : WBR1 ≤ present WBR factor < WBR2
MODE3 : WBR2 ≤ present WBR factor < WBR3
MODE4 : WBR3 ≤ present WBR factor
MODE1 and MODE_MAT (address 25h) = 0
Data1 = REF_MAT_R1M (address 5Ch)
Data2 = REF_MAT_B1M (address 5Dh)
Data3 = REF_GA_R1M (address 48h)
Data4 = REF_GA_B1M (address 49h)
MODE1 and MODE_MAT = 1
Data1 = REF_MAT_R1M (address 5Ch) : B – Y < 0
REF_MAT_R1P (address 5Eh) : B – Y ≥ 0
Data2 = REF_MAT_B1M (address 5Dh) : R – Y < 0
REF_MAT_B1P (address 5Fh) : R – Y ≥ 0
Data3 = REF_GA_R1M (address 48h) : R – Y < 0
REF_GA_R1P (address 4Ah) : R – Y ≥ 0
Data4 = REF_GA_B1M (address 49h) : B – Y < 0
REF_GA_B1P (address 4Bh) : B – Y ≥ 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com