Electronic Components Datasheet Search
  English  ▼

X  

LR38603 Datasheet(PDF) 6 Page - Sharp Corporation

Part # LR38603
Description  Digital Signal Processor for Color CCD Cameras
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LR38603 Datasheet(HTML) 6 Page - Sharp Corporation

Back Button LR38603 Datasheet HTML 2Page - Sharp Corporation LR38603 Datasheet HTML 3Page - Sharp Corporation LR38603 Datasheet HTML 4Page - Sharp Corporation LR38603 Datasheet HTML 5Page - Sharp Corporation LR38603 Datasheet HTML 6Page - Sharp Corporation LR38603 Datasheet HTML 7Page - Sharp Corporation LR38603 Datasheet HTML 8Page - Sharp Corporation LR38603 Datasheet HTML 9Page - Sharp Corporation LR38603 Datasheet HTML 10Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
LR38603
6
PIN NO. SYMBOL IO SYMBOL
DESCRIPTION
POLARITY
55
VDD
–
Power supply input (+3.3 V)
56
Y4
OBF4M
Digital video signal output
Use together with Y7 (MSB) to Y0 (LSB).
UYVY signal or illumination signal output (according to the register)
57
Y5
OBF4M
58
Y6
OBF4M
59
Y7
OBF4M
60
HD
OBF4M
Horizontal drive pulse output
It is able to select horizontal drive pulse for drive timing and video output timing
from BELL pulse, HREF pulse and L level.
BELL pulse : The signal that goes to H level 1 time per 1 field.
61
VD
OBF4M
Vertical drive pulse output
It is able to select from VD, CSYNC and VS outputs for drive timing and video
output timing.
62
V1X
OBF4M
CCD vertical drive pulse output
Connect each pin to CCD via V driver IC.
63
V2X
OBF4M
64
V3X
OBF4M
65
V4X
OBF4M
66
VDD
–
Power supply input (+3.3 V)
67
GND
–
Ground
68
VH1X
OBF4M
Pulse output for reading charges
Connect each pin to CCD via V driver IC.
69
VH3X
OBF4M
70
OFDX
OBF4M
OFD pulse output. Connect each pin to CCD via V driver IC.
71
VDD
–
Power supply input (+3.3 V)
72
GND
–
Ground
73
FR
OBF12M
Reset pulse output. Connect each pin to CCD via capacitor.
74
FH1
OBF12M
Horizontal transmit pulse output
Connect to CCD.
75
FH2
OBF12M
76
VDD
–
Power supply input (+3.3 V)
77
GND
–
Ground
78
RS
OBF4M
Pulse output for sample hold
When using IR3Y48A1, connect to CSN pin for parameter setting.
79
FS
OBF4M
Pulse output for sample hold
80
FCDS
OBF4M
Pulse output for sample hold
IC
: Input pin
ICU
: Input pin with pull-up resistor
ICD
: Input pin with pull-down resistor
ICSU
: Schmidt input pin with pull-up resistor
DAI
: Input pin for D/A converter
OSCI
: Input pin for oscillation
OBF4M
: Output pin
OBF12M : Output pin
DAO
: Output pin for D/A converter
OSCO
: Output pin for oscillation
IO4MU
: Input/output pin with pull-up resistor
IO4MD
: Input/output pin with pull-down resistor
IO4MSU : Input/output pin with pull-down resistor (schmidt
input)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com