Electronic Components Datasheet Search
  English  ▼

X  

LPC1102 Datasheet(PDF) 34 Page - NXP Semiconductors

Part # LPC1102
Description  32-bit ARM Cortex-M0 microcontroller; 32 kB flash and 8 kB SRAM
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1102 Datasheet(HTML) 34 Page - NXP Semiconductors

Back Button LPC1102 Datasheet HTML 30Page - NXP Semiconductors LPC1102 Datasheet HTML 31Page - NXP Semiconductors LPC1102 Datasheet HTML 32Page - NXP Semiconductors LPC1102 Datasheet HTML 33Page - NXP Semiconductors LPC1102 Datasheet HTML 34Page - NXP Semiconductors LPC1102 Datasheet HTML 35Page - NXP Semiconductors LPC1102 Datasheet HTML 36Page - NXP Semiconductors LPC1102 Datasheet HTML 37Page - NXP Semiconductors LPC1102 Datasheet HTML 38Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 39 page
background image
LPC1102
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 4 — 24 June 2011
34 of 39
NXP Semiconductors
LPC1102
32-bit ARM Cortex-M0 microcontroller
12. Package outline
Fig 22. Package outline LPC1102UK (WLCSP16)
References
Outline
version
European
projection
Issue date
IEC
JEDEC
JEITA
LPC1102UK
- - -
- - -
- - -
lpc1102uk_po
10-10-15
10-10-18
Unit
mm
max
nom
min
0.65
0.60
0.55
0.27
0.24
0.21
0.35
0.32
0.29
2.21
2.17
2.13
2.36
2.32
2.28
0.5
1.5
0.15
A
Dimensions
WLCSP16: wafer level chip-size package; 16 bumps; body 2.17 x 2.32 x 0.6 mm
LPC1102UK
A1
A2
0.38
0.36
0.34
bD
E
e
e1
1.5
e2
vw
0.05
0.05
y
0
1
2 mm
scale
ball A1
index area
B
A
D
E
C
y
X
detail X
A
A2
A1
b
e2
e1
e
e
1/2 e
1/2 e
A
C
B
∅ v
C
∅ w
ball A1
index area
1234
A
B
C
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com