Electronic Components Datasheet Search
  English  ▼

X  

LPC1102 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # LPC1102
Description  32-bit ARM Cortex-M0 microcontroller; 32 kB flash and 8 kB SRAM
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1102 Datasheet(HTML) 1 Page - NXP Semiconductors

  LPC1102 Datasheet HTML 1Page - NXP Semiconductors LPC1102 Datasheet HTML 2Page - NXP Semiconductors LPC1102 Datasheet HTML 3Page - NXP Semiconductors LPC1102 Datasheet HTML 4Page - NXP Semiconductors LPC1102 Datasheet HTML 5Page - NXP Semiconductors LPC1102 Datasheet HTML 6Page - NXP Semiconductors LPC1102 Datasheet HTML 7Page - NXP Semiconductors LPC1102 Datasheet HTML 8Page - NXP Semiconductors LPC1102 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
1.
General description
The LPC1102 is an ARM Cortex-M0 based, low-cost 32-bit MCU, designed for 8/16-bit
microcontroller applications, offering performance, low power, simple instruction set and
memory addressing together with reduced code size compared to existing 8/16-bit
architectures.
The LPC1102 operates at CPU frequencies of up to 50 MHz.
The peripheral complement of the LPC1102 includes 32 kB of flash memory, 8 kB of data
memory, one RS-485/EIA-485 UART, one SPI interface with SSP features, four general
purpose counter/timers, a 10-bit ADC, and 11 general purpose I/O pins.
2.
Features and benefits
System:
ARM Cortex-M0 processor, running at frequencies of up to 50 MHz.
ARM Cortex-M0 built-in Nested Vectored Interrupt Controller (NVIC).
Serial Wire Debug.
System tick timer.
Memory:
32 kB on-chip flash programming memory.
8 kB SRAM.
In-Application Programming (IAP) and In-System Programming (ISP) support via
on-chip bootloader software.
Digital peripherals:
11 General Purpose I/O (GPIO) pins with configurable pull-up/pull-down resistors
and programmable open-drain mode.
GPIO pins can be used as edge and level sensitive interrupt sources.
Four general purpose counter/timers with a total of one capture input and nine
match outputs.
Programmable windowed WatchDog Timer (WDT).
Analog peripherals:
10-bit ADC with input multiplexing among five pins.
LPC1102
32-bit ARM Cortex-M0 microcontroller; 32 kB flash and 8 kB
SRAM
Rev. 4 — 24 June 2011
Product data sheet


Similar Part No. - LPC1102

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC1102 NXP-LPC1102 Datasheet
255Kb / 38P
32-bit ARM Cortex-M0 microcontroller; 32 kB flash and 8 kB SRAM
Rev. 00.04-23 June 2010
LPC1102 NXP-LPC1102 Datasheet
292Kb / 39P
32-bit ARM Cortex-M0 microcontroller; 32 kB flash and 8 kB SRAM
Rev. 3-18 April 2011
LPC1102 NXP-LPC1102 Datasheet
4Mb / 12P
NXP Microcontrollers Selection Guide
November 2012
LPC1102 NXP-LPC1102 Datasheet
683Kb / 43P
32-bit ARM Cortex-M0 microcontroller; 32 kB flash and 8 kB SRAM
Rev. 7-26 September 2013
LPC1102LVUK NXP-LPC1102LVUK Datasheet
1Mb / 53P
32-bit ARM Cortex-M0 MCU; up to 32 kB flash, 8 kB SRAM; 8-bit ADC
Rev. 2-10 October 2012
More results

Similar Description - LPC1102

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC11C12 NXP-LPC11C12 Datasheet
310Kb / 49P
32-bit ARM Cortex-M0 microcontroller; 16/32 kB flash, 8 kB SRAM; C_CAN
Rev. 00.05-6 May 2010
LPC1111 NXP-LPC1111 Datasheet
410Kb / 59P
32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash and 8 kB SRAM
Rev. 01-16 April 2010
LPC1102 NXP-LPC1102 Datasheet
255Kb / 38P
32-bit ARM Cortex-M0 microcontroller; 32 kB flash and 8 kB SRAM
Rev. 00.04-23 June 2010
LPC11CX2 NXP-LPC11CX2 Datasheet
1Mb / 61P
32-bit ARM Cortex-M0 microcontroller; 16/32 kB flash, 8 kB SRAM C_CAN
Rev. 2-3 December 2010
LPC1102 NXP-LPC1102_11 Datasheet
292Kb / 39P
32-bit ARM Cortex-M0 microcontroller; 32 kB flash and 8 kB SRAM
Rev. 3-18 April 2011
LPC11CX2 NXP-LPC11CX2_11 Datasheet
520Kb / 62P
32-bit ARM Cortex-M0 microcontroller; 16/32 kB flash, 8 kB SRAM; C_CAN
Rev. 3-27 June 2011
LPC1111 NXP-LPC1111_11 Datasheet
621Kb / 64P
32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash and 8 kB SRAM
Rev. 5-22 June 2011
LPC11C24FBD48301 NXP-LPC11C24FBD48301 Datasheet
327Kb / 62P
32-bit ARM Cortex-M0 microcontroller; 16/32 kB flash, 8 kB SRAM; C_CAN
Rev. 3.1-15 May 2013
LPC1102 NXP-LPC1102_V01 Datasheet
683Kb / 43P
32-bit ARM Cortex-M0 microcontroller; 32 kB flash and 8 kB SRAM
Rev. 7-26 September 2013
LPC11CX2 NXP-LPC11CX2_V01 Datasheet
550Kb / 64P
32-bit ARM Cortex-M0 microcontroller; 16/32 kB flash, 8 kB SRAM; C_CAN
Rev. 3.2-4 January 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com