Electronic Components Datasheet Search
  English  ▼

X  

LPC1102 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # LPC1102
Description  32-bit ARM Cortex-M0 microcontroller; 32 kB flash and 8 kB SRAM
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1102 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button LPC1102 Datasheet HTML 6Page - NXP Semiconductors LPC1102 Datasheet HTML 7Page - NXP Semiconductors LPC1102 Datasheet HTML 8Page - NXP Semiconductors LPC1102 Datasheet HTML 9Page - NXP Semiconductors LPC1102 Datasheet HTML 10Page - NXP Semiconductors LPC1102 Datasheet HTML 11Page - NXP Semiconductors LPC1102 Datasheet HTML 12Page - NXP Semiconductors LPC1102 Datasheet HTML 13Page - NXP Semiconductors LPC1102 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
LPC1102
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 4 — 24 June 2011
10 of 39
NXP Semiconductors
LPC1102
32-bit ARM Cortex-M0 microcontroller
• Input multiplexing among 5 pins.
• Power-down mode.
• Measurement range 0 V to VDD.
• 10-bit conversion time  2.44 s (up to 400 kSamples/s).
• Burst conversion mode for single or multiple inputs.
• Optional conversion on transition of input pin or timer match signal.
• Individual result registers for each ADC channel to reduce interrupt overhead.
7.11 General purpose external event counter/timers
The LPC1102 includes two 32-bit counter/timers and two 16-bit counter/timers. The
counter/timer is designed to count cycles of the system derived clock. It can optionally
generate interrupts or perform other actions at specified timer values, based on four
match registers. Each counter/timer also includes one capture input to trap the timer value
when an input signal transitions, optionally generating an interrupt.
7.11.1 Features
• A 32-bit/16-bit timer/counter with a programmable 32-bit/16-bit prescaler.
• Counter or timer operation.
• One capture channel that can take a snapshot of the timer value when an input signal
transitions. A capture event may also generate an interrupt.
• Four match registers per timer that allow:
– Continuous operation with optional interrupt generation on match.
– Stop timer on match with optional interrupt generation.
– Reset timer on match with optional interrupt generation.
• Up to four external outputs corresponding to match registers, with the following
capabilities:
– Set LOW on match.
– Set HIGH on match.
– Toggle on match.
– Do nothing on match.
7.12 System tick timer
The ARM Cortex-M0 includes a system tick timer (SYSTICK) that is intended to generate
a dedicated SYSTICK exception at a fixed time interval (typically 10 ms).
7.13 Windowed WatchDog Timer
The purpose of the watchdog is to reset the controller if software fails to periodically
service it within a programmable time window.
7.13.1 Features
• Internally resets chip if not periodically reloaded during the programmable time-out
period.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com