Electronic Components Datasheet Search
  English  ▼

X  

LM5171 Datasheet(PDF) 4 Page - HTC Korea TAEJIN Technology Co.

Part # LM5171
Description  1.5A, 280kHz, Boost Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM5171 Datasheet(HTML) 4 Page - HTC Korea TAEJIN Technology Co.

  LM5171 Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. LM5171 Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. LM5171 Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM5171 Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. LM5171 Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. LM5171 Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. LM5171 Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. LM5171 Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. LM5171 Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
1.5A, 280kHz, Boost Regulator
LM5171
Dec. 2010 - Rev. 1.2.1
- 4
-
HTC
APPLICATION CIRCUIT
R2
3.72k
R3
1.28k
R1
5k
C3
22uF
MBRS120T3
C2
22uF
C1
0.01uF
22uH
SS
3.3V
VC
FB
Test
SS
VSW
PGND
AGND
VCC
1
2
3
4
8
7
6
5
L1
D1
VOUT
5V
+
+
ELECTRICAL CHARACTERISTICS
2.7V < Vcc < 30 V, 0°C < TJ < 125°C, unless otherwise stated.
Characteristics
Test Condition
Min
TYP
Max
Unit
Error Amplifier
FB Reference Voltage
Vc tied to FB : Measure at FB
1.246
1.276
1.300
V
FB Input Current
FB = VREF
-1.0
0.1
1.0
uA
FB Reference Voltage Line Regulation
Vc = FB
-
0.01
0.03
%/V
Error Amp Transconductance
Ivc = ± 25 uA
300
550
800
uMho
Error Amp Gain
(Note 2)
200
500
-
V/ V
Vc Source Current
FB = 1.0V, Vc = 1.25V
25
50
90
uA
Vc Sink Current
FB = 1.5V, Vc = 1.25V
200
625
1500
uA
Vc High Clamp Voltage
FB = 1.0V, Vc sources 25uA
1.5
1.7
1.9
V
Vc Low Clamp Voltage
FB = 1.5V, Vc sinks 25uA
0.25
0.50
0.65
V
Vc Threshold
Reduce Vc from 1.5V until
switching stops
200
625
1500
uA
Oscillator
Base Operating Frequency
FB = 1V
230
280
310
kHz
Reduced Operating Frequency
FB = 0V
30
52
120
kHz
Maximum Duty Cycle
90
94
-
%
FB Frequency Shift Threshold
Frequency drops to reduced
operating frequency
0.36
0.40
0.44
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com