Electronic Components Datasheet Search
  English  ▼

X  

LM5171 Datasheet(PDF) 1 Page - HTC Korea TAEJIN Technology Co.

Part # LM5171
Description  1.5A, 280kHz, Boost Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM5171 Datasheet(HTML) 1 Page - HTC Korea TAEJIN Technology Co.

  LM5171 Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. LM5171 Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. LM5171 Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM5171 Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. LM5171 Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. LM5171 Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. LM5171 Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. LM5171 Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. LM5171 Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1.5A, 280kHz, Boost Regulator
LM5171
Dec. 2010 - Rev. 1.2.1
- 1
-
HTC
SOP-8 PKG
ORDERING INFORMATION
Device
Package
LM5171D
SOP-8
FEATURES
• Integrated Power Switch 1.5A Guaranteed
• Wide Input Voltage Range 2.7V to 30V
• High Frequency Allows for Small Components
• Minimum External Components
• Easy External Synchronization
• Frequency Foldback Reduces Component
Stress During an Overcurrent Condition
• Thermal Shutdown with Hysteresis
• Shutdown Current is 50 uA Maximum
• Wide Ambient Temperature Range
• Moisture Sensitivity Level 3
APPLICATION
• LCD Monitor/TV LED Backlight Driver
• TFT-LCD Power Management
DESCRIPSION
The LM5171 product is 280kHz switching regulator with a high efficiency, 1.5A integrated switch. This part
operates over a wide input voltage range, from 2.7V to 30V. The flexibility of the design allows the chip to
operate in most power supply configurations, including boost, flyback, forward, inverting, and SEPIC.
This IC utilizes current mode architecture, which allows excellent load and line regulation, as well as a practical
means for limiting current. Combining high frequency operation with a highly integrated regulator circuit results
in an extremely compact power supply solution. The circuit design includes provisions for features such as
frequency synchronization, shutdown, and feedback control.
ABSOLUTE MAXIMUM RATINGS
RATING
SYMBOL
VALUE
UNIT
Junction Temperature Range
TJ
-40 to 125
℃
Storage Temperature Range
Tstg
-65 to 150
℃
Thermal Resistance, Junction to Ambient
RθJA
165
/W
℃
Thermal Resistance, Junction to Case
RθJC
45
/W
℃
Lead Temperature (Soldering, 10 sec)
(Note 1)
-
230
℃
Note 1. 60 second maximum above 183°C.
* Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Maximum ratings applied to the device are
individual stress limit value and are not valid simultaneously. If the limits are exceeded, device functional operation is not implied, damage
may occur and reliability may be affected.
Ordering Information
Package
Order No.
Description
Supply As
Status
SOP-8
LM5171D
1.5A, 280kHz
Reel
Active


Similar Part No. - LM5171

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5171 TI1-LM5171 Datasheet
5Mb / 95P
LM5171 Dual Channel Bidirectional Controller
JUNE 2024
LM5171 TI2-LM5171 Datasheet
5Mb / 89P
LM5171-Q1 Dual Channel Bidirectional Controller
REVISED SEPTEMBER 2025
LM5171-Q1 TI-LM5171-Q1 Datasheet
2Mb / 79P
LM5171-Q1 Dual Channel Bidirectional Controller
APRIL 2023
LM5171-Q1 TI1-LM5171-Q1 Datasheet
5Mb / 95P
LM5171 Dual Channel Bidirectional Controller
JUNE 2024
LM5171-Q1 TI2-LM5171-Q1 Datasheet
5Mb / 89P
LM5171-Q1 Dual Channel Bidirectional Controller
REVISED SEPTEMBER 2025
More results

Similar Description - LM5171

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP34063A SIPEX-SP34063A Datasheet
114Kb / 10P
1.5A Buck/Boost/Inverting DC-DC Switching Regulator
logo
Gamma Microelectronics ...
GM3255 GAMMA-GM3255 Datasheet
543Kb / 19P
1.5A 280kHz DC-DC CONVERTOR BOOST REGULATOR
logo
ADDtek Corp
AMC3202 ADDTEK-AMC3202 Datasheet
247Kb / 11P
1.5A 280kHz BOOST REGULATORS
AUGUST 2006
logo
Linear Technology
LT3570 LINER-LT3570 Datasheet
282Kb / 20P
1.5A Buck Converter, 1.5A Boost Converter and LDO Controller
logo
Diodes Incorporated
ZXLD1374 DIODES-ZXLD1374_11 Datasheet
844Kb / 37P
60V HIGH ACCURACY 1.5A BUCK/BOOST/BUCK-BOOST
Rev 2
logo
Tiger Electronic Co.,Lt...
AMC3202DMF TGS-AMC3202DMF Datasheet
349Kb / 6P
1.5A 280kHz Boost Regulators
logo
Alpha & Omega Semicondu...
AOZ1915 AOSMD-AOZ1915 Datasheet
608Kb / 14P
1.5A General Purpose Boost Regulator
logo
Exar Corporation
SP34063A EXAR-SP34063A Datasheet
473Kb / 9P
1.5A Buck/Boost/Inverting DC-DC Regulator
logo
Linear Technology
LT3570 LINER-LT3570_15 Datasheet
293Kb / 20P
1.5A Buck Converter, 1.5A Boost Converter and LDO Controller
logo
Analog Devices
LTM8083 AD-LTM8083 Datasheet
2Mb / 24P
36V, 1.5A Buck-Boost 關Module Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com