Electronic Components Datasheet Search
  English  ▼

X  

LM5171 Datasheet(PDF) 11 Page - HTC Korea TAEJIN Technology Co.

Part # LM5171
Description  1.5A, 280kHz, Boost Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM5171 Datasheet(HTML) 11 Page - HTC Korea TAEJIN Technology Co.

Back Button LM5171 Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. LM5171 Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. LM5171 Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co. LM5171 Datasheet HTML 10Page - HTC Korea TAEJIN Technology Co. LM5171 Datasheet HTML 11Page - HTC Korea TAEJIN Technology Co. LM5171 Datasheet HTML 12Page - HTC Korea TAEJIN Technology Co. LM5171 Datasheet HTML 13Page - HTC Korea TAEJIN Technology Co. LM5171 Datasheet HTML 14Page - HTC Korea TAEJIN Technology Co. LM5171 Datasheet HTML 15Page - HTC Korea TAEJIN Technology Co. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
1.5A, 280kHz, Boost Regulator
LM5171
Dec. 2010 - Rev. 1.2.1
- 11
-
HTC
COMPONENT SELECTION
Frequency Compensation
The goal of frequency compensation is to achieve desirable transient response and DC regulation while
ensuring the stability of the system. A typical compensation network, as shown in Figure 23, provides a
frequency response of two poles and one zero. This frequency response is further illustrated in the Bode plot
shown in Figure 24.
C2
C1
R1
VC
AGND
LM5171
Figure 23. A Typical Compensation Network
The high DC gain in Figure 24 is desirable for achieving DC accuracy over line and load variations. The DC
gain of a transconductance error amplifier can be calculated as follows:
O
m
DC
R
×
G
=
Gain
where:
GM = error amplifier transconductance;
RO = error amplifier output resistance ≈ 1 MΩ.
The low frequency pole, fP1, is determined by the error amplifier output resistance and C1 as:
O
P1
C1R
2
1
=
f
π
The first zero generated by C1 and R1 is:
C1R1
π
2
1
=
fZ1
The phase lead provided by this zero ensures that the loop has at least a 45° phase margin at the crossover
frequency. Therefore, this zero should be placed close to the pole generated in the power stage which can be
identified at frequency:
LOAD
O
p
R
C
π
2
1
=
f
where:
CO = equivalent output capacitance of the error amplifier≈120pF;
RLOAD= load resistance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com