Electronic Components Datasheet Search
  English  ▼

X  

LM5171 Datasheet(PDF) 8 Page - HTC Korea TAEJIN Technology Co.

Part # LM5171
Description  1.5A, 280kHz, Boost Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM5171 Datasheet(HTML) 8 Page - HTC Korea TAEJIN Technology Co.

Back Button LM5171 Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. LM5171 Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. LM5171 Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. LM5171 Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. LM5171 Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. LM5171 Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co. LM5171 Datasheet HTML 10Page - HTC Korea TAEJIN Technology Co. LM5171 Datasheet HTML 11Page - HTC Korea TAEJIN Technology Co. LM5171 Datasheet HTML 12Page - HTC Korea TAEJIN Technology Co. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
1.5A, 280kHz, Boost Regulator
LM5171
Dec. 2010 - Rev. 1.2.1
- 8
-
HTC
APPLICATION INFORMATION
Current Mode Control
Oscillator
63mΩ
RLoad
MBRS120T3
C0
L
Power Switch
X 5
VC
S
R
Q
PWM
Comparator
-
+
VIN
D1
VSW
Figure 19. Current Mode Controle Scheme
The LM5171 is a current mode control scheme, in which the PWM ramp signal is derived from the power
switch current. This ramp signal is compared to the output of the error amplifier to control the on-time of the
power switch. The oscillator is used as a fixed-frequency clock to ensure a constant operational frequency.
The resulting control scheme features several advantages over conventional voltage mode control. First,
derived directly from the inductor, the ramp signal responds immediately to line voltage changes.
This
eliminates the delay caused by the output filter and error amplifier, which is commonly found in voltage mode
controllers. The second benefit comes from inherent pulse−by−pulse current limiting by merely clamping the
peak switching current. Finally, since current mode commands an output current rather than voltage, the filter
offers only a single pole to the feedback loop.
This allows both a simpler compensation and a higher
gain−bandwidth over a comparable voltage mode circuit.
Without discrediting its apparent merits, current mode control comes with its own peculiar problems, mainly,
sub harmonic oscillation at duty cycles over 50%. The LM5171 solves this problem by adopting a slope
compensation scheme in which a fixed ramp generated by the oscillator is added to the current ramp. A proper
slope rate is provided to improve circuit stability without sacrificing the advantages of current mode control.
Oscillator and Shutdown
Figure 20. Timing Diagram of Sync and Shutdown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com