Electronic Components Datasheet Search
  English  ▼

X  

LM5171 Datasheet(PDF) 6 Page - HTC Korea TAEJIN Technology Co.

Part # LM5171
Description  1.5A, 280kHz, Boost Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM5171 Datasheet(HTML) 6 Page - HTC Korea TAEJIN Technology Co.

Back Button LM5171 Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. LM5171 Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM5171 Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. LM5171 Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. LM5171 Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. LM5171 Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. LM5171 Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. LM5171 Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co. LM5171 Datasheet HTML 10Page - HTC Korea TAEJIN Technology Co. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
1.5A, 280kHz, Boost Regulator
LM5171
Dec. 2010 - Rev. 1.2.1
- 6
-
HTC
TYPICAL PERFORMANCE CHARCTERISTICS
Figure 3. ICC(No Switching) vs. Temperature
Figure 4. ∆Icc/∆Ivsw vs. Temperature
Figure 5. VCE(SAT) vs. ISW
Figure 6. Minimum Input Voltage vs. Temperature
Figure 7. Switching Frequency vs. Temperature
Figure 8. Switching Frequency vs. VFB
Figure 9. Current Limit vs. Temperature
Figure 10. Maximum Duty Cycle vs. Temperature
VCC = 12V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com