Electronic Components Datasheet Search
  English  ▼

X  

LM5171 Datasheet(PDF) 7 Page - HTC Korea TAEJIN Technology Co.

Part # LM5171
Description  1.5A, 280kHz, Boost Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM5171 Datasheet(HTML) 7 Page - HTC Korea TAEJIN Technology Co.

Back Button LM5171 Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM5171 Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. LM5171 Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. LM5171 Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. LM5171 Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. LM5171 Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. LM5171 Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co. LM5171 Datasheet HTML 10Page - HTC Korea TAEJIN Technology Co. LM5171 Datasheet HTML 11Page - HTC Korea TAEJIN Technology Co. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
1.5A, 280kHz, Boost Regulator
LM5171
Dec. 2010 - Rev. 1.2.1
- 7
-
HTC
TYPICAL PERFORMANCE CHARCTERISTICS (Continued)
Figure 11. Vc Threshold and High Clamp
Figure 12. Shutdown Threshold vs. Temperature
Voltage vs. Temperature
Figure 13. Shutdown Delay vs. Temperature
Figure 14. ISS vs VSS
Figure 15. ICC vs. VIN During Shutdwon
Figure 16. Error Amplifier Transconductance
vs. Temperature
Figure 17. Switch Leakage vs. Temperature
Figure 18. Error Amplifier IOUT vs. VFB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com