Electronic Components Datasheet Search
  English  ▼

X  

AM1808 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # AM1808
Description  AM1808 ARM Microprocessor
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM1808 Datasheet(HTML) 5 Page - Texas Instruments

  AM1808 Datasheet HTML 1Page - Texas Instruments AM1808 Datasheet HTML 2Page - Texas Instruments AM1808 Datasheet HTML 3Page - Texas Instruments AM1808 Datasheet HTML 4Page - Texas Instruments AM1808 Datasheet HTML 5Page - Texas Instruments AM1808 Datasheet HTML 6Page - Texas Instruments AM1808 Datasheet HTML 7Page - Texas Instruments AM1808 Datasheet HTML 8Page - Texas Instruments AM1808 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 265 page
background image
AM1808
www.ti.com
SPRS653B
– FEBRUARY 2010 – REVISED APRIL 2011
1
AM1808 ARM Microprocessor
........................ 1
5.8
Power and Sleep Controller (PSC)
................. 87
5.9
EDMA
............................................... 92
1.1
Features
.............................................. 1
5.10
External Memory Interface A (EMIFA)
............. 98
1.2
Description
........................................... 3
5.11
DDR2/mDDR Controller
........................... 108
1.3
Functional Block Diagram
............................ 4
5.12
Memory Protection Units
.......................... 121
Revision History
.............................................. 6
5.13
MMC / SD / SDIO (MMCSD0, MMCSD1)
......... 124
2
Device Overview
........................................ 8
5.14
Serial ATA Controller (SATA)
..................... 127
2.1
Device Characteristics
............................... 8
5.15
Multichannel Audio Serial Port (McASP)
.......... 132
2.2
Device Compatibility
................................. 9
5.16
Multichannel Buffered Serial Port (McBSP)
....... 141
2.3
ARM Subsystem
..................................... 9
5.17
Serial Peripheral Interface Ports (SPI0, SPI1)
.... 150
2.4
Memory Map Summary
............................. 12
5.18
Inter-Integrated Circuit Serial Ports (I2C)
......... 171
5.19
Universal Asynchronous Receiver/Transmitter
2.5
Pin Assignments
.................................... 15
(UART)
............................................ 175
2.6
Pin Multiplexing Control
............................ 18
5.20
Universal Serial Bus OTG Controller (USB0)
2.7
Terminal Functions
................................. 19
[USB2.0 OTG]
..................................... 177
2.8
Unused Pin Configurations
......................... 58
5.21
Universal Serial Bus Host Controller (USB1)
3
Device Configuration
................................. 61
[USB1.1 OHCI]
.................................... 184
5.22
Ethernet Media Access Controller (EMAC)
....... 185
3.1
Boot Modes
......................................... 61
5.23
Management Data Input/Output (MDIO)
.......... 193
3.2
SYSCFG Module
................................... 61
5.24
LCD Controller (LCDC)
............................ 195
3.3
Pullup/Pulldown Resistors
.......................... 64
5.25
Host-Port Interface (UHPI)
........................ 210
4
Device Operating Conditions
....................... 65
5.26
Universal Parallel Port (uPP)
...................... 218
4.1
Absolute Maximum Ratings Over Operating
5.27
Video Port Interface (VPIF)
....................... 223
Junction Temperature Range
(Unless Otherwise Noted)
................................. 65
5.28
Enhanced Capture (eCAP) Peripheral
............ 229
5.29
Enhanced High-Resolution Pulse-Width Modulator
4.2
Recommended Operating Conditions
.............. 66
(eHRPWM)
........................................ 232
4.3
Notes on Recommended Power-On Hours (POH)
5.30
Timers
............................................. 237
...................................................... 68
5.31
Real Time Clock (RTC)
........................... 239
4.4
Electrical Characteristics Over Recommended
Ranges of Supply Voltage and Operating Junction
5.32
General-Purpose Input/Output (GPIO)
............ 242
Temperature (Unless Otherwise Noted)
............ 69
5.33
Programmable Real-Time Unit Subsystem (PRUSS)
..................................................... 246
5
Peripheral Information and Electrical
Specifications
.......................................... 70
5.34
Emulation Logic
................................... 249
5.1
Parameter Information
.............................. 70
6
Device and Documentation Support
............. 257
5.2
Recommended Clock and Control Signal Transition
6.1
Device Support
.................................... 257
Behavior
............................................ 71
6.2
Documentation Support
........................... 258
5.3
Power Supplies
..................................... 71
6.3
Community Resources
............................ 258
5.4
Reset
............................................... 72
7
Mechanical Packaging and Orderable
5.5
Crystal Oscillator or External Clock Input
.......... 75
Information
............................................ 259
5.6
Clock PLLs
......................................... 76
7.1
Thermal Data for ZCE Package
................... 259
5.7
Interrupts
............................................ 81
7.2
Thermal Data for ZWT Package
.................. 259
Copyright
© 2010–2011, Texas Instruments Incorporated
Contents
5
Submit Documentation Feedback
Product Folder Link(s): AM1808



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com