Electronic Components Datasheet Search
  English  ▼

X  

AM1808 Datasheet(PDF) 73 Page - Texas Instruments

Click here to check the latest version.
Part # AM1808
Description  AM1808 ARM Microprocessor
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM1808 Datasheet(HTML) 73 Page - Texas Instruments

Back Button AM1808 Datasheet HTML 69Page - Texas Instruments AM1808 Datasheet HTML 70Page - Texas Instruments AM1808 Datasheet HTML 71Page - Texas Instruments AM1808 Datasheet HTML 72Page - Texas Instruments AM1808 Datasheet HTML 73Page - Texas Instruments AM1808 Datasheet HTML 74Page - Texas Instruments AM1808 Datasheet HTML 75Page - Texas Instruments AM1808 Datasheet HTML 76Page - Texas Instruments AM1808 Datasheet HTML 77Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 265 page
background image
OSCIN
RESET
RESETOUT
Boot Pins
Config
Power
Supplies
Ramping
Power Supplies Stable
Clock Source Stable
1
2
3
4
TRST
AM1808
www.ti.com
SPRS653B
– FEBRUARY 2010 – REVISED APRIL 2011
5.4.3
Reset Electrical Data Timings
Table 5-1 assumes testing over the recommended operating conditions.
Table 5-1. Reset Timing Requirements ((1), (2))
1.3V, 1.2V
1.1V
1.0V
NO.
PARAMETER
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
1
tw(RSTL)
Pulse width, RESET/TRST low
100
100
100
ns
2
tsu(BPV-RSTH)
Setup time, boot pins valid before RESET/TRST high
20
20
20
ns
3
th(RSTH-BPV)
Hold time, boot pins valid after RESET/TRST high
20
20
20
ns
td(RSTH-
RESET high to RESETOUT high; Warm reset
14
16
20
cycles(3)
4
RESETOUTH)
RESET high to RESETOUT high; Power-on Reset
14
16
20
td(RSTL-
Delay time, RESET/TRST low to RESETOUT low
ns
5
14
16
20
RESETOUTL)
(1)
RESETOUT is multiplexed with other pin functions. See the Terminal Functions table, Table 2-3 for details.
(2)
For power-on reset (POR), the reset timings in this table refer to RESET and TRST together. For warm reset, the reset timings in this
table refer to RESET only (TRST is held high).
(3)
OSCIN cycles.
Figure 5-4. Power-On Reset (RESET and TRST active) Timing
Copyright
© 2010–2011, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
73
Submit Documentation Feedback
Product Folder Link(s): AM1808



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com