Electronic Components Datasheet Search
  English  ▼

X  

AM1808 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # AM1808
Description  AM1808 ARM Microprocessor
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM1808 Datasheet(HTML) 6 Page - Texas Instruments

Back Button AM1808 Datasheet HTML 2Page - Texas Instruments AM1808 Datasheet HTML 3Page - Texas Instruments AM1808 Datasheet HTML 4Page - Texas Instruments AM1808 Datasheet HTML 5Page - Texas Instruments AM1808 Datasheet HTML 6Page - Texas Instruments AM1808 Datasheet HTML 7Page - Texas Instruments AM1808 Datasheet HTML 8Page - Texas Instruments AM1808 Datasheet HTML 9Page - Texas Instruments AM1808 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 265 page
background image
AM1808
SPRS653B
– FEBRUARY 2010 – REVISED APRIL 2011
www.ti.com
Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
This data manual revision history highlights the changes made to the SPRS653A device-specific data
manual to make it an SPRS653B revision. This device is now in the production data (PD) stage of
development.
Revision History
See
ADDITIONS/MODIFICATIONS/DELETIONS
•
Replaced CLKIN with OSCIN.
Global
•
Removed EMA_A25.
Section 2.5.1, Pin Map (Bottom View):
Section 2.5
Pin Assignments
•
Updated pin names in Figure 2-1, Pin Map (Quad A), through Figure 2-4, Pin Map (Quad D).
Table 2-1, Characteristics of the Device:
Section 2
Device Overview
•
Corrected DDR2 max to 156 MHz and mDDR max to 150 MHz.
Table 2-7, External Memory Interface A (EMIFA) Terminal Functions:
•
Corrected description for signal A18.
Table 2-9, Serial Peripheral Interface (SPI) Terminal Functions:
•
Changed signal type to I/O for signal C16, C18, G17, and H17.
Table 2-12, Enhanced Pulse Width Modulator (eHRPWM) Terminal Functions:
•
Changed signal type to Input for signal A4, C16, and D2.
Section 2.7
Terminal Functions
Table 2-14, Universal Asynchronous Receiver/Transmitter (UART) Terminal Functions:
•
Updated signal name for signal F4.
Table 2-20, Ethernet Media Access Controller (EMAC) Terminal Functions:
•
Changed signal type to I/O for signal W18.
Table 2-24, Universal Host-Port Interface (UHPI) Terminal Functions:
•
Changed signal type to Output for signal R16.
Section 2.8
•
Added new section.
Unused Pin Configurations
Section 4.1, Absolute Maximum Ratings Over Operating Junction Temperature Range (Unless
Otherwise Noted):
•
Updated ESD Stress Voltage MAX values.
Section 4.2, Recommended Operating Conditions:
•
Added DVDD18 under Supply Voltage.
Section 4
Device Operating Condtions
Section 4.3, Notes on Recommended Power-On Hours (POH), added.
Section 4.4, Electrical Characteristics Over Recommended Ranges of Supply Voltage and
Operating Junction Temperature (Unless Otherwise Noted):
•
Updated parameters for VOH and VOL.
•
Updated table notes 1 and 3.
Section 5.3.1, Power-On Sequence:
Section 5.3
Power Supplies
•
Changed VDDA_12_PLL0 to PLL0_VDDA, and VDDA_12_PLL1 to PLL1_VDDA in step 2b.
Section 5.5
•
Changed last sentence, first paragraph in description.
Crystal Oscillator or External
•
Table 5-3, OSCIN Timing Requirements for an Externally Driven Clock, added table note.
Clock Input
Section 5.6.1, PLL Device-Specific Information:
•
Updated PLLn to PLL0 or PLL1, as appropriate in Figure 5-8, PLL External Filtering
Components.
•
Added paragraph below figure.
Section 5.6
•
Updated OSCIN area to include DEEPSLEEP Enable in Figure 5-9, PLL Topology.
Clock PLLs
•
Changed PLLREF MAX value in Table 5-4.
Section 5.6.3, Dynamic Voltage and Frequency Scaling (DVFS):
•
Updated Maximum internal clock frequency specifications in Table 5-5.
Section 5.7.1.4, AINTC System Interrupt Assignments:
Section 5.7
Interrupts
•
Updated Interrupt Name and Source columns in Table 5-6.
6
Contents
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM1808



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com