Electronic Components Datasheet Search
  English  ▼

X  

AM1808 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # AM1808
Description  AM1808 ARM Microprocessor
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM1808 Datasheet(HTML) 12 Page - Texas Instruments

Back Button AM1808 Datasheet HTML 8Page - Texas Instruments AM1808 Datasheet HTML 9Page - Texas Instruments AM1808 Datasheet HTML 10Page - Texas Instruments AM1808 Datasheet HTML 11Page - Texas Instruments AM1808 Datasheet HTML 12Page - Texas Instruments AM1808 Datasheet HTML 13Page - Texas Instruments AM1808 Datasheet HTML 14Page - Texas Instruments AM1808 Datasheet HTML 15Page - Texas Instruments AM1808 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 265 page
background image
AM1808
SPRS653B
– FEBRUARY 2010 – REVISED APRIL 2011
www.ti.com
2.4
Memory Map Summary
Table 2-2. Device Top Level Memory Map
Start Address
End Address
Size
ARM Mem Map
EDMA Mem Map
PRUSS Mem
Master
LCDC Mem
Map
Peripheral Mem
Map
Map
0x0000 0000
0x0000 0FFF
4K
PRUSS Local
Address Space
0x0000 1000
0x01BB FFFF
0x01BC 0000
0x01BC 0FFF
4K
ARM ETB
memory
0x01BC 1000
0x01BC 17FF
2K
ARM ETB reg
0x01BC 1800
0x01BC 18FF
256
ARM Ice Crusher
0x01BC 1900
0x01BF FFFF
0x01C0 0000
0x01C0 7FFF
32K
EDMA3 CC
0x01C0 8000
0x01C0 83FF
1K
EDMA3 TC0
0x01C0 8400
0x01C0 87FF
1K
EDMA3 TC1
0x01C0 8800
0x01C0 FFFF
0x01C1 0000
0x01C1 0FFF
4K
PSC 0
0x01C1 1000
0x01C1 1FFF
4K
PLL Controller 0
0x01C1 2000
0x01C1 3FFF
0x01C1 4000
0x01C1 4FFF
4K
SYSCFG0
0x01C1 5000
0x01C1 FFFF
0x01C2 0000
0x01C2 0FFF
4K
Timer0
0x01C2 1000
0x01C2 1FFF
4K
Timer1
0x01C2 2000
0x01C2 2FFF
4K
I2C 0
0x01C2 3000
0x01C2 3FFF
4K
RTC
0x01C2 4000
0x01C3 FFFF
0x01C4 0000
0x01C4 0FFF
4K
MMC/SD 0
0x01C4 1000
0x01C4 1FFF
4K
SPI 0
0x01C4 2000
0x01C4 2FFF
4K
UART 0
0x01C4 3000
0x01CF FFFF
0x01D0 0000
0x01D0 0FFF
4K
McASP 0 Control
0x01D0 1000
0x01D0 1FFF
4K
McASP 0 AFIFO Ctrl
0x01D0 2000
0x01D0 2FFF
4K
McASP 0 Data
0x01D0 3000
0x01D0 BFFF
0x01D0 C000
0x01D0 CFFF
4K
UART 1
0x01D0 D000
0x01D0 DFFF
4K
UART 2
0x01D0 E000
0x01D0 FFFF
0x01D1 0000
0x01D1 07FF
2K
McBSP0
0x01D1 0800
0x01D1 0FFF
2K
McBSP0 FIFO Ctrl
0x01D1 1000
0x01D1 17FF
2K
McBSP1
0x01D1 1800
0x01D1 1FFF
2K
McBSP1 FIFO Ctrl
0x01D1 2000
0x01DF FFFF
0x01E0 0000
0x01E0 FFFF
64K
USB0
0x01E1 0000
0x01E1 0FFF
4K
UHPI
0x01E1 1000
0x01E1 2FFF
0x01E1 3000
0x01E1 3FFF
4K
LCD Controller
0x01E1 4000
0x01E1 4FFF
4K
Memory Protection Unit 1 (MPU 1)
0x01E1 5000
0x01E1 5FFF
4K
Memory Protection Unit 2 (MPU 2)
0x01E1 6000
0x01E1 6FFF
4K
UPP
12
Device Overview
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM1808



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com