Electronic Components Datasheet Search
  English  ▼

X  

AM1808 Datasheet(PDF) 69 Page - Texas Instruments

Click here to check the latest version.
Part # AM1808
Description  AM1808 ARM Microprocessor
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM1808 Datasheet(HTML) 69 Page - Texas Instruments

Back Button AM1808 Datasheet HTML 65Page - Texas Instruments AM1808 Datasheet HTML 66Page - Texas Instruments AM1808 Datasheet HTML 67Page - Texas Instruments AM1808 Datasheet HTML 68Page - Texas Instruments AM1808 Datasheet HTML 69Page - Texas Instruments AM1808 Datasheet HTML 70Page - Texas Instruments AM1808 Datasheet HTML 71Page - Texas Instruments AM1808 Datasheet HTML 72Page - Texas Instruments AM1808 Datasheet HTML 73Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 265 page
background image
AM1808
www.ti.com
SPRS653B
– FEBRUARY 2010 – REVISED APRIL 2011
4.4
Electrical Characteristics Over Recommended Ranges of Supply Voltage and
Operating Junction Temperature (Unless Otherwise Noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DVDD= 3.15V, IOH = -4 mA
2.4
V
High-level output voltage
(dual-voltage LVCMOS IOs at 3.3V)(1)
DVDD= 3.15V, IOH = -100 μA
2.95
V
VOH
High-level output voltage
DVDD= 1.71V, IOH = -2 mA
DVDD-0.45
V
(dual-voltage LVCMOS IOs at 1.8V)(1)
DVDD= 3.15V, IOL = 4mA
0.4
V
Low-level output voltage
(dual-voltage LVCMOS I/Os at 3.3V)
DVDD= 3.15V, IOL = 100 μA
0.2
V
VOL
Low-level output voltage
DVDD= 1.71V, IOL = 2mA
0.45
V
(dual-voltage LVCMOS I/Os at 1.8V)
VI = VSS to DVDD without opposing
±9
μA
internal resistor
Input current(1)
VI = VSS to DVDD with opposing
70
310
μA
(dual-voltage LVCMOS I/Os)
internal pullup resistor (3)
II
(2)
VI = VSS to DVDD with opposing
-75
-270
μA
internal pulldown resistor (3)
VI = VSS to DVDD with opposing
Input current (DDR2/mDDR I/Os)
-77
-286
μA
internal pulldown resistor (3)
High-level output current(1)
IOH
-6
mA
(dual-voltage LVCMOS I/Os)
Low-level output current(1)
IOL
6
mA
(dual-voltage LVCMOS I/Os)
Input capacitance (dual-voltage
3
pF
LVCMOS)
Capacitance
Output capacitance (dual-voltage
3
pF
LVCMOS)
(1)
These IO specifications apply to the dual-voltage IOs only and do not apply to DDR2/mDDR or SATA interfaces. DDR2/mDDR IOs are
1.8V IOs and adhere to the JESD79-2A standard. USB0 I/Os adhere to the USB2.0 standard. USB1 I/Os adhere to the USB1.1
standard. SATA I/Os adhere to the SATA-I and SATA-II standards.
(2)
II applies to input-only pins and bi-directional pins. For input-only pins, II indicates the input leakage current. For bi-directional pins, II
indicates the input leakage current and off-state (Hi-Z) output leakage current.
(3)
Applies only to pins with an internal pullup (IPU) or pulldown (IPD) resistor. The pull-up and pull-down strengths shown represent the
minimum and maximum strength across process variation.
Copyright
© 2010–2011, Texas Instruments Incorporated
Device Operating Conditions
69
Submit Documentation Feedback
Product Folder Link(s): AM1808



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com