Electronic Components Datasheet Search
  English  ▼

X  

LPC4350 Datasheet(PDF) 40 Page - NXP Semiconductors

Part # LPC4350
Description  32-bit ARM Cortex-M4/M0 MCU; up to 264 kB SRAM; Ethernet; two High-speed USBs; advanced configurable peripherals
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC4350 Datasheet(HTML) 40 Page - NXP Semiconductors

Back Button LPC4350 Datasheet HTML 36Page - NXP Semiconductors LPC4350 Datasheet HTML 37Page - NXP Semiconductors LPC4350 Datasheet HTML 38Page - NXP Semiconductors LPC4350 Datasheet HTML 39Page - NXP Semiconductors LPC4350 Datasheet HTML 40Page - NXP Semiconductors LPC4350 Datasheet HTML 41Page - NXP Semiconductors LPC4350 Datasheet HTML 42Page - NXP Semiconductors LPC4350 Datasheet HTML 43Page - NXP Semiconductors LPC4350 Datasheet HTML 44Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 149 page
background image
LPC4350_30_20_10
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Objective data sheet
Rev. 3.1 — 5 January 2012
40 of 149
NXP Semiconductors
LPC4350/30/20/10
32-bit ARM Cortex-M4/M0 microcontroller
PA_1
J14
x
-
134 -
-
[4]
I; PU I/O
GPIO4[8] — General purpose digital input/output pin.
I
QEI_IDX — Quadrature Encoder Interface INDEX
input.
-
R — Function reserved.
O
U2_TXD — Transmitter output for USART2.
-
R — Function reserved.
-
R — Function reserved.
-
R — Function reserved.
-
R — Function reserved.
PA_2
K15
x
-
136 -
-
[4]
I; PU I/O
GPIO4[9] — General purpose digital input/output pin.
I
QEI_PHB — Quadrature Encoder Interface PHB
input.
-
R — Function reserved.
I
U2_RXD — Receiver input for USART2.
-
R — Function reserved.
-
R — Function reserved.
-
R — Function reserved.
-
R — Function reserved.
PA_3
H11
x
-
147 -
-
[4]
I; PU I/O
GPIO4[10] — General purpose digital input/output
pin.
I
QEI_PHA — Quadrature Encoder Interface PHA
input.
-
R — Function reserved.
-
R — Function reserved.
-
R — Function reserved.
-
R — Function reserved.
-
R — Function reserved.
-
R — Function reserved.
PA_4
G13
x
-
151 -
-
[3]
I; PU -
R — Function reserved.
O
CTOUT_9 — SCT output 9. Match output 1 of timer 2.
-
R — Function reserved.
I/O
EMC_A23 — External memory address line 23.
I/O
GPIO5[19] — General purpose digital input/output
pin.
-
R — Function reserved.
-
R — Function reserved.
-
R — Function reserved.
Table 3.
Pin description …continued
LCD, Ethernet, USB0, and USB1 functions are not available on all parts. See Table 2.
Symbol
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com