Electronic Components Datasheet Search
  English  ▼

X  

LPC4350 Datasheet(PDF) 62 Page - NXP Semiconductors

Part # LPC4350
Description  32-bit ARM Cortex-M4/M0 MCU; up to 264 kB SRAM; Ethernet; two High-speed USBs; advanced configurable peripherals
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC4350 Datasheet(HTML) 62 Page - NXP Semiconductors

Back Button LPC4350 Datasheet HTML 58Page - NXP Semiconductors LPC4350 Datasheet HTML 59Page - NXP Semiconductors LPC4350 Datasheet HTML 60Page - NXP Semiconductors LPC4350 Datasheet HTML 61Page - NXP Semiconductors LPC4350 Datasheet HTML 62Page - NXP Semiconductors LPC4350 Datasheet HTML 63Page - NXP Semiconductors LPC4350 Datasheet HTML 64Page - NXP Semiconductors LPC4350 Datasheet HTML 65Page - NXP Semiconductors LPC4350 Datasheet HTML 66Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 149 page
background image
LPC4350_30_20_10
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Objective data sheet
Rev. 3.1 — 5 January 2012
62 of 149
NXP Semiconductors
LPC4350/30/20/10
32-bit ARM Cortex-M4/M0 microcontroller
ADC0_4/
ADC1_4
C6
x
-
199 138
-
[9]
I; IA
I
ADC input channel 4. Shared between 10-bit ADC0/1.
ADC0_5/
ADC1_5
B3
x
-
208 144
-
[9]
I; IA
I
ADC input channel 5. Shared between 10-bit ADC0/1.
ADC0_6/
ADC1_6
A5
x
-
204 142
-
[9]
I; IA
I
ADC input channel 6. Shared between 10-bit ADC0/1.
ADC0_7/
ADC1_7
C5
x
-
197 136
-
[9]
I; IA
I
ADC input channel 7. Shared between 10-bit ADC0/1.
RTC
RTC_ALARM
A11
x
C3
186 129
92
[12]
-
O
RTC controlled output.
RTCX1
A8
x
A5
182 125
88
[9]
-
I
Input to the RTC 32 kHz ultra-low power oscillator
circuit.
RTCX2
B8
x
B5
183 126
89
[9]
-
O
Output from the RTC 32 kHz ultra-low power
oscillator circuit.
Crystal oscillator pins
XTAL1
D1
x
B1
18
12
5
[9]
-
I
Input to the oscillator circuit and internal clock
generator circuits.
XTAL2
E1
x
C1
19
13
6
[9]
-
O
Output from the oscillator amplifier.
Power and ground pins
USB0_VDDA
3V3_DRIVER
F3
x
D1
24
16
7
-
-
Separate analog 3.3 V power supply for driver.
USB0
_VDDA3V3
G3
x
D2
25
17
8
-
-
USB 3.3 V separate power supply voltage.
USB0_VSSA
_TERM
H3
x
D3
27
19
10
-
-
Dedicated analog ground for clean reference for
termination resistors.
USB0_VSSA
_REF
G1
x
F2
31
23
14
-
-
Dedicated clean analog ground for generation of
reference currents and voltages.
VDDA
B4
x
B2
198 137
95
-
-
Analog power supply and ADC reference voltage.
VBAT
B10
x
C5
184 127
90
-
-
RTC power supply: 3.3 V on this pin supplies power
to the RTC.
VDDREG
F10,
F9,
L8,
L7
xE4,
E5,
F4
135
,
188
,
195
,
82,
33
94,
131,
59,
25
-
-
Main regulator power supply. Tie the VDDREG and
VDDIO pins to a common power supply to ensure the
same ramp-up time for both supply voltages.
VPP
E8
-
-
-
-
-
[13]
-
-
OTP programming voltage.
Table 3.
Pin description …continued
LCD, Ethernet, USB0, and USB1 functions are not available on all parts. See Table 2.
Symbol
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com