Electronic Components Datasheet Search
  English  ▼

X  

LPC4350 Datasheet(PDF) 61 Page - NXP Semiconductors

Part # LPC4350
Description  32-bit ARM Cortex-M4/M0 MCU; up to 264 kB SRAM; Ethernet; two High-speed USBs; advanced configurable peripherals
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC4350 Datasheet(HTML) 61 Page - NXP Semiconductors

Back Button LPC4350 Datasheet HTML 57Page - NXP Semiconductors LPC4350 Datasheet HTML 58Page - NXP Semiconductors LPC4350 Datasheet HTML 59Page - NXP Semiconductors LPC4350 Datasheet HTML 60Page - NXP Semiconductors LPC4350 Datasheet HTML 61Page - NXP Semiconductors LPC4350 Datasheet HTML 62Page - NXP Semiconductors LPC4350 Datasheet HTML 63Page - NXP Semiconductors LPC4350 Datasheet HTML 64Page - NXP Semiconductors LPC4350 Datasheet HTML 65Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 149 page
background image
LPC4350_30_20_10
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Objective data sheet
Rev. 3.1 — 5 January 2012
61 of 149
NXP Semiconductors
LPC4350/30/20/10
32-bit ARM Cortex-M4/M0 microcontroller
TDI
J4
x
G3
35
26
16
[3]
I; PU I
Test Data In for JTAG interface.
USB0 pins
USB0_DP
F2
x
E1
26
18
9
[7]
-
I/O
USB0 bidirectional D+ line.
USB0_DM
G2
x
E2
28
20
11
[7]
-
I/O
USB0 bidirectional D
 line.
USB0_VBUS
F1
x
E3
29
21
12
[7]
[8]
-
I/O
VBUS pin (power on USB cable). This pin includes an
internal pull-down resistor of 64 k
 (typical)  16 k.
USB0_ID
H2
x
F1
30
22
13
[9]
-
I
Indicates to the transceiver whether connected as an
A-device (USB0_ID LOW) or B-device (USB0_ID
HIGH). For OTG this pin has an internal pull-up
resistor.
USB0_RREF
H1
x
F3
32
24
15
[9]
-
12.0 k
 (accuracy 1 %) on-board resistor to ground
for current reference.
USB1 pins
USB1_DP
F12
x
E9
129 89
59
[10]
-
I/O
USB1 bidirectional D+ line.
USB1_DM
G12
x
E10
130 90
60
[10]
-
I/O
USB1 bidirectional D
 line.
I2C-bus pins
I2C0_SCL
L15
x
D6
132 92
62
[11]
I; F
I/O
I2C clock input/output. Open-drain output (for I2C-bus
compliance).
I2C0_SDA
L16
x
E6
133 93
63
[11]
I; F
I/O
I2C data input/output. Open-drain output (for I2C-bus
compliance).
Reset and wake-up pins
RESET
D9
x
B6
185 128
91
[12]
I; IA
I
External reset input: A LOW on this pin resets the
device, causing I/O ports and peripherals to take on
their default states, and processor execution to begin
at address 0.
WAKEUP0
A9
x
A4
187 130
93
[12]
I; IA
I
External wake-up input; can raise an interrupt and
can cause wake-up from any of the low power modes.
WAKEUP1
A10
x
-
-
-
-
[12]
I; IA
I
External wake-up input; can raise an interrupt and
can cause wake-up from any of the low power modes.
WAKEUP2
C9
x
-
-
-
-
[12]
I; IA
I
External wake-up input; can raise an interrupt and
can cause wake-up from any of the low power modes.
WAKEUP3
D8
x
-
-
-
-
[12]
I; IA
I
External wake-up input; can raise an interrupt and
can cause wake-up from any of the low power modes.
ADC pins
ADC0_0/
ADC1_0/DAC
E3
x
A2
8
6
4
[9]
I; IA
I
ADC input channel 0. Shared between 10-bit ADC0/1
and DAC.
ADC0_1/
ADC1_1
C3
x
A1
4
2
1
[9]
I; IA
I
ADC input channel 1. Shared between 10-bit ADC0/1.
ADC0_2/
ADC1_2
A4
x
B3
206 143
99
[9]
I; IA
I
ADC input channel 2. Shared between 10-bit ADC0/1.
ADC0_3/
ADC1_3
B5
x
A3
200 139
96
[9]
I; IA
I
ADC input channel 3. Shared between 10-bit ADC0/1.
Table 3.
Pin description …continued
LCD, Ethernet, USB0, and USB1 functions are not available on all parts. See Table 2.
Symbol
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com