Electronic Components Datasheet Search
  English  ▼

X  

LPC4350 Datasheet(PDF) 60 Page - NXP Semiconductors

Part # LPC4350
Description  32-bit ARM Cortex-M4/M0 MCU; up to 264 kB SRAM; Ethernet; two High-speed USBs; advanced configurable peripherals
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC4350 Datasheet(HTML) 60 Page - NXP Semiconductors

Back Button LPC4350 Datasheet HTML 56Page - NXP Semiconductors LPC4350 Datasheet HTML 57Page - NXP Semiconductors LPC4350 Datasheet HTML 58Page - NXP Semiconductors LPC4350 Datasheet HTML 59Page - NXP Semiconductors LPC4350 Datasheet HTML 60Page - NXP Semiconductors LPC4350 Datasheet HTML 61Page - NXP Semiconductors LPC4350 Datasheet HTML 62Page - NXP Semiconductors LPC4350 Datasheet HTML 63Page - NXP Semiconductors LPC4350 Datasheet HTML 64Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 149 page
background image
LPC4350_30_20_10
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Objective data sheet
Rev. 3.1 — 5 January 2012
60 of 149
NXP Semiconductors
LPC4350/30/20/10
32-bit ARM Cortex-M4/M0 microcontroller
CLK1
T10
x
-
-
-
-
[5]
O;
PU
O
EMC_CLK1 — SDRAM clock 1.
O
CLKOUT — Clock output pin.
-
R — Function reserved.
-
R — Function reserved.
-
R — Function reserved.
O
CGU_OUT0 — CGU spare clock output 0.
-
R — Function reserved.
O
I2S1_TX_MCLK — I2S1 transmit master clock.
CLK2
D14
x
K6
141 99
68
[5]
O;
PU
O
EMC_CLK3 — SDRAM clock 3.
O
CLKOUT — Clock output pin.
-
R — Function reserved.
-
R — Function reserved.
I/O
SD_CLK — SD/MMC card clock.
O
EMC_CLK23 — SDRAM clock 2 and clock 3
combined.
O
I2S0_TX_MCLK — I2S transmit master clock.
I/O
I2S1_RX_SCK — Receive Clock. It is driven by the
master and received by the slave. Corresponds to the
signal SCK in the I2S-bus specification.
CLK3
P12
x
-
-
-
-
[5]
O;
PU
O
EMC_CLK2 — SDRAM clock 2.
O
CLKOUT — Clock output pin.
-
R — Function reserved.
-
R — Function reserved.
-
R — Function reserved.
O
CGU_OUT1 — CGU spare clock output 1.
-
R — Function reserved.
I/O
I2S1_RX_SCK — Receive Clock. It is driven by the
master and received by the slave. Corresponds to the
signal SCK in the I2S-bus specification.
Debug pins
DBGEN
L4
x
A6
41
28
18
[3]
I
I
JTAG interface control signal. Also used for boundary
scan.
TCK/SWDCLK
J5
x
H2
38
27
17
[3]
I; F
I
Test Clock for JTAG interface (default) or Serial Wire
(SW) clock.
TRST
M4
x
B4
42
29
19
[3]
I; PU I
Test Reset for JTAG interface.
TMS/SWDIO
K6
x
C4
44
30
20
[3]
I; PU I
Test Mode Select for JTAG interface (default) or SW
debug data input/output.
TDO/SWO
K5
x
H3
46
31
21
[3]
O
O
Test Data Out for JTAG interface (default) or SW trace
output.
Table 3.
Pin description …continued
LCD, Ethernet, USB0, and USB1 functions are not available on all parts. See Table 2.
Symbol
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com