Electronic Components Datasheet Search
  English  ▼

X  

LPC4350 Datasheet(PDF) 92 Page - NXP Semiconductors

Part # LPC4350
Description  32-bit ARM Cortex-M4/M0 MCU; up to 264 kB SRAM; Ethernet; two High-speed USBs; advanced configurable peripherals
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC4350 Datasheet(HTML) 92 Page - NXP Semiconductors

Back Button LPC4350 Datasheet HTML 88Page - NXP Semiconductors LPC4350 Datasheet HTML 89Page - NXP Semiconductors LPC4350 Datasheet HTML 90Page - NXP Semiconductors LPC4350 Datasheet HTML 91Page - NXP Semiconductors LPC4350 Datasheet HTML 92Page - NXP Semiconductors LPC4350 Datasheet HTML 93Page - NXP Semiconductors LPC4350 Datasheet HTML 94Page - NXP Semiconductors LPC4350 Datasheet HTML 95Page - NXP Semiconductors LPC4350 Datasheet HTML 96Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 149 page
background image
LPC4350_30_20_10
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Objective data sheet
Rev. 3.1 — 5 January 2012
92 of 149
NXP Semiconductors
LPC4350/30/20/10
32-bit ARM Cortex-M4/M0 microcontroller
RESET pin
VIH
HIGH-level input
voltage
[6] 0.8
 (V
ps
0.35)
-5.5
V
VIL
LOW-level input voltage
[6]
0.5
-
0.3
 (V
ps
0.1)
V
Vhys
hysteresis voltage
[6] 0.05
 (V
ps
 0.35)
--
V
Standard I/O pins - normal drive strength
CI
input capacitance
-
-
2
pF
IIL
LOW-level input current VI = 0 V; on-chip pull-up
resistor disabled
-3
-nA
IIH
HIGH-level input
current
VI =VDD(IO); on-chip
pull-down resistor
disabled
-
3-
nA
IOZ
OFF-state output
current
VO =0V to VDD(IO);
on-chip pull-up/down
resistors disabled;
absolute value
-3
-nA
VI
input voltage
pin configured to provide
a digital function;
VDD(IO)  2.2 V
[8] 0-
5.5
V
VDD(IO) = 0 V
0
-
3.6
V
VO
output voltage
output active
0
-
VDD(IO)
V
VIH
HIGH-level input
voltage
0.7
VDD(IO)
-5.5
V
VIL
LOW-level input voltage
0.5
-
0.3
VDD(IO)
V
Vhys
hysteresis voltage
0.1
VDD(IO)
--
V
VOH
HIGH-level output
voltage
IOH = 6 mA
VDD(IO)
0.4
--
V
VOL
LOW-level output
voltage
IOL =6 mA
-
-
0.4
V
IOH
HIGH-level output
current
VOH =VDD(IO)  0.4 V
6-
-
mA
IOL
LOW-level output
current
VOL =0.4 V
6
-
-
mA
IOHS
HIGH-level short-circuit
output current
drive HIGH; connected to
ground
[9] --
86.5
mA
IOLS
LOW-level short-circuit
output current
drive LOW; connected to
VDD(IO)
[9] --
76.5
mA
Ipd
pull-down current
VI =5 V
[11]
[12]
[13]
-93
-
A
Table 8.
Static characteristics …continued
Tamb = 40 C to +85 C, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ[1]
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com