Electronic Components Datasheet Search
  English  ▼

X  

LPC4350 Datasheet(PDF) 87 Page - NXP Semiconductors

Part # LPC4350
Description  32-bit ARM Cortex-M4/M0 MCU; up to 264 kB SRAM; Ethernet; two High-speed USBs; advanced configurable peripherals
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC4350 Datasheet(HTML) 87 Page - NXP Semiconductors

Back Button LPC4350 Datasheet HTML 83Page - NXP Semiconductors LPC4350 Datasheet HTML 84Page - NXP Semiconductors LPC4350 Datasheet HTML 85Page - NXP Semiconductors LPC4350 Datasheet HTML 86Page - NXP Semiconductors LPC4350 Datasheet HTML 87Page - NXP Semiconductors LPC4350 Datasheet HTML 88Page - NXP Semiconductors LPC4350 Datasheet HTML 89Page - NXP Semiconductors LPC4350 Datasheet HTML 90Page - NXP Semiconductors LPC4350 Datasheet HTML 91Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 149 page
background image
LPC4350_30_20_10
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Objective data sheet
Rev. 3.1 — 5 January 2012
87 of 149
NXP Semiconductors
LPC4350/30/20/10
32-bit ARM Cortex-M4/M0 microcontroller
router) are located in the RTC power-domain which can be powered by a battery supply or
the main regulator. A power selector switch ensures that the RTC block is always powered
on.
The LPC4350/30/20/10 support four reduced power modes: Sleep, Deep-sleep,
Power-down, and Deep power-down.
The LPC4350/30/20/10 can wake up from Deep-sleep, Power-down, and Deep
power-down modes via the WAKEUP[3:0] pins and interrupts generated by battery
powered blocks in the RTC power domain.
Fig 11. Power domains
REAL-TIME CLOCK
BACKUP REGISTERS
RESET/WAKE-UP
CONTROL
REGULATOR
32 kHz
OSCILLATOR
ALWAYS-ON/RTC POWER DOMAIN
MAIN POWER DOMAIN
RTCX1
VBAT
VDDREG
RTCX2
VDDIO
VSS
to memories,
peripherals,
oscillators,
PLLs
to cores
to I/O pads
ADC
DAC
OTP
ADC POWER DOMAIN
OTP POWER DOMAIN
USB0 POWER DOMAIN
VDDA
VSSA
VPP
USB0
USB0_VDDA3V_DRIVER
USB0_VDDA3V3
LPC43xx
ULTRA LOW-POWER
REGULATOR
POWER
SELECTOR
ALARM
RESET
WAKEUP0/1/2/3
to RTC
domain
peripherals
002aag378
to RTC I/O
pads (Vps)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com