Electronic Components Datasheet Search
  English  ▼

X  

BFP520 Datasheet(PDF) 5 Page - Siemens Semiconductor Group

Part # BFP520
Description  NPN Silicon RF Transistor (For highest gain low noise amplifier at 1.8 GHz and 2 mA / 2 V)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BFP520 Datasheet(HTML) 5 Page - Siemens Semiconductor Group

  BFP520 Datasheet HTML 1Page - Siemens Semiconductor Group BFP520 Datasheet HTML 2Page - Siemens Semiconductor Group BFP520 Datasheet HTML 3Page - Siemens Semiconductor Group BFP520 Datasheet HTML 4Page - Siemens Semiconductor Group BFP520 Datasheet HTML 5Page - Siemens Semiconductor Group BFP520 Datasheet HTML 6Page - Siemens Semiconductor Group BFP520 Datasheet HTML 7Page - Siemens Semiconductor Group BFP520 Datasheet HTML 8Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
BFP 520
Semiconductor Group
Sep-09-1998
5
For non-linear simulation:
• Use transistor chip parameters in Berkeley SPICE 2G.6 syntax for all simulators.
• If you need simulation of thereverse characteristics, add the diode with the
C’-E’- diode data between collector and emitter.
• Simulation of package is not necessary for frequenties < 100MHz.
For higher frequencies add the wiring of package equivalent circuit around the
non-linear transistor and diode model.
Note:
• This transistor is constructed in a common emitter configuration. This feature causes
an additional reverse biased diode between emitter and collector, which does not
effect normal operation.
EHA07307
C
EE
B
Transistor Schematic Diagram
The common emitter configuration shows the following advantages:
• Higher gain because of lower emitter inductance.
• Power is dissipated via the grounded emitter leads, because the chip is mounted
on copper emitter leadframe.
Please note, that the broadest lead is the emitter lead.
The AC characteristics are verified by random sampling.
Semiconductor Group
5
1998-11-01



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com