Electronic Components Datasheet Search
  English  ▼

X  

BFP520 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # BFP520
Description  NPN Silicon RF Transistor (For highest gain low noise amplifier at 1.8 GHz and 2 mA / 2 V)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BFP520 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  BFP520 Datasheet HTML 1Page - Siemens Semiconductor Group BFP520 Datasheet HTML 2Page - Siemens Semiconductor Group BFP520 Datasheet HTML 3Page - Siemens Semiconductor Group BFP520 Datasheet HTML 4Page - Siemens Semiconductor Group BFP520 Datasheet HTML 5Page - Siemens Semiconductor Group BFP520 Datasheet HTML 6Page - Siemens Semiconductor Group BFP520 Datasheet HTML 7Page - Siemens Semiconductor Group BFP520 Datasheet HTML 8Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
BFP 520
Semiconductor Group
Sep-09-1998
1
SIEGET®45
NPN Silicon RF Transistor
Preliminary data
• For highest gain low noise amplifier
at 1.8 GHz and 2 mA / 2 V
Outstanding
Ga = 20 dB
Noise Figure
F = 0.95 dB
• For oscillators up to 15 GHz
• Transition frequency f
T = 45 GHz
• Gold metalization for high reliability
• SIEGET ® 45 - Line
Siemens Grounded Emitter Transistor
45 GHz
fT - Line
VPS05605
4
2
1
3
ESD: Electrostatic discharge sensitive device, observe handling precaution!
Type
Marking Ordering Code
Pin Configuration
Package
BFP 520
APs
Q62702-F1794
1 = B
2 = E
3 = C
4 = E
SOT-343
Maximum Ratings
Parameter
Symbol
Value
Unit
Collector-emitter voltage
VCEO
2.5
V
Collector-base voltage
VCBO
12
V
Emitter-base voltage
VEBO
1
V
Collector current
IC
40
mA
Base current
IB
4
mA
Total power dissipation,
TS ≤ 105 °C
Ptot
100
mW
Junction temperature
Tj
150
°C
Ambient temperature
TA
-65 ...+150
°C
Storage temperature
Tstg
-65 ...+150
°C
Thermal Resistance
Junction - soldering point
1)
RthJS
≤ 450
K/W
1) TS is measured on the collector lead at the soldering point to the pcb
Semiconductor Group
1
1998-11-01


Similar Part No. - BFP520

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BFP520 INFINEON-BFP520 Datasheet
92Kb / 8P
NPN Silicon RF Transistor
Sep-26-2001
logo
List of Unclassifed Man...
BFP520 ETC-BFP520 Datasheet
341Kb / 4P
TRANZYSTORY NPN
logo
Infineon Technologies A...
BFP520 INFINEON-BFP520 Datasheet
110Kb / 10P
NPN Silicon RF Transistor
2010-08-16
BFP520 INFINEON-BFP520 Datasheet
576Kb / 9P
Low Noise Silicon Bipolar RF Transistor
2015-10-12
BFP520F INFINEON-BFP520F Datasheet
53Kb / 3P
NPN Silicon RF Transistor
Dec-07-2001
More results

Similar Description - BFP520

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BFP183 SIEMENS-BFP183 Datasheet
60Kb / 7P
NPN Silicon RF Transistor (For low noise, high-gain broadband amplifiers at collector currents from 2 mA to 30 mA)
BFP183R SIEMENS-BFP183R Datasheet
58Kb / 7P
NPN Silicon RF Transistor (For low noise, high-gain broadband amplifiers at collector currents from 2 mA to 28 mA)
BFP183W SIEMENS-BFP183W Datasheet
59Kb / 7P
NPN Silicon RF Transistor (For low noise, high-gain broadband amplifiers at collector currents from 2 mA to 30 mA)
BFQ82 SIEMENS-BFQ82 Datasheet
400Kb / 18P
NPN Silicon RF Transistor (For low-noise, high-gain amplifiers up to 2 GHz. Linear broadband applications at collector currents up to 40 mA.)
BFR183 SIEMENS-BFR183 Datasheet
56Kb / 7P
NPN Silicon RF Transistor (For low noise, high-gain broadband amplifiers at collector current from 2 mA to 30mA)
BFR183W SIEMENS-BFR183W Datasheet
56Kb / 7P
NPN Silicon RF Transistor (For low noise, high-gain broadband amplifiers at collector current from 2 mA to 30mA)
BFS481 SIEMENS-BFS481 Datasheet
53Kb / 6P
NPN Silicon RF Transistor (For low-noise, high-gain broadband amplifier at collector currents from 0.5 to 12 mA)
BFY196 SIEMENS-BFY196 Datasheet
120Kb / 5P
HiRel NPN Silicon RF Transistor (HiRel Discrete and Microwave Semiconductor For low noise, high gain amplifiers up to 2 GHz.)
logo
Renesas Technology Corp
2SC5508 RENESAS-2SC5508 Datasheet
229Kb / 10P
NPN SILICON RF TRANSISTOR FOR LOW-NOISE, HIGH-GAIN AMPLIFICATION
2SC5606 RENESAS-2SC5606 Datasheet
201Kb / 9P
NPN SILICON RF TRANSISTOR FOR LOW NOISE HIGH-GAIN AMPLIFICATION
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com