Electronic Components Datasheet Search
  English  ▼

X  

BFP520 Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part # BFP520
Description  NPN Silicon RF Transistor (For highest gain low noise amplifier at 1.8 GHz and 2 mA / 2 V)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BFP520 Datasheet(HTML) 4 Page - Siemens Semiconductor Group

  BFP520 Datasheet HTML 1Page - Siemens Semiconductor Group BFP520 Datasheet HTML 2Page - Siemens Semiconductor Group BFP520 Datasheet HTML 3Page - Siemens Semiconductor Group BFP520 Datasheet HTML 4Page - Siemens Semiconductor Group BFP520 Datasheet HTML 5Page - Siemens Semiconductor Group BFP520 Datasheet HTML 6Page - Siemens Semiconductor Group BFP520 Datasheet HTML 7Page - Siemens Semiconductor Group BFP520 Datasheet HTML 8Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
BFP 520
Semiconductor Group
Sep-09-1998
4
SPICE Parameters (Gummel-Poon Model, Berkley-SPICE 2G.6 Syntax) :
Transistor Chip Data
IS =
tbd
aA
VAF =
tbd
V
NE =
tbd
-
VAR =
tbd
V
NC =
tbd
-
RBM =
tbd
Ω
CJE =
tbd
fF
TF =
tbd
ps
ITF =
tbd
mA
VJC =
tbd
V
TR =
tbd
ns
MJS =
tbd
-
XTI =
tbd
-
BF =
tbd
-
IKF =
tbd
A
BR =
tbd
-
IKR =
tbd
A
RB =
tbd
Ω
RE =
tbd
Ω
VJE =
tbd
V
XTF =
tbd
-
PTF =
tbd
deg
MJC =
tbd
-
CJS =
tbd
fF
XTB =
tbd
-
FC =
tbd
-
NF =
tbd
-
ISE =
tbd
fA
NR =
tbd
-
ISC =
tbd
fA
IRB =
tbd
mA
RC =
tbd
Ω
MJE =
tbd
-
VTF =
tbd
V
CJC =
tbd
fF
XCJC =
tbd
-
VJS =
tbd
V
EG =
tbd
eV
TNOM
tbd
K
C’-E’-Diode Data (Berkley-SPICE 2G.6 Syntax) :
IS =
tbd
fA
RS =
tbd
Ω
N =
tbd
-
All parameters are ready to use, no scalling is necessary
Package Equivalent Circuit:
LBI =
0.47
nH
LBO =
0.53
nH
LEI =
0.23
nH
LEO =
0.05
nH
LCI =
0.56
nH
LCO =
0.58
nH
CBE =
136
fF
CCB =
6.9
fF
CCE =
134
fF
EHA07389
L
BI
BE
C
BO
L
C
EI
L
L
EO
CB
C
CI
L
CO
L
CE
C
Transistor
C’-E’-
B
Diode
E
E’
C’
B’
Chip
Valid up to 6GHz
The SOT-343 package has two emitter leads. To avoid high complexity of the package equivalent circuit,
both leads are combined in one electrical connection.
Extracted on behalf of SIEMENS Small Signal Semiconductors by:
Institut für Mobil-und Satellitentechnik (IMST)
© 1996 SIEMENS AG
For examples and ready to use parameters please contact your local Siemens distributor or salesoffice to
obtain a Siemens CD-ROM or see Internet: http://www.siemens.de/Semiconductor/products/35/35.htm
Semiconductor Group
4
1998-11-01



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com