Electronic Components Datasheet Search
  English  ▼

X  

BFP520 Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # BFP520
Description  NPN Silicon RF Transistor (For highest gain low noise amplifier at 1.8 GHz and 2 mA / 2 V)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BFP520 Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  BFP520 Datasheet HTML 1Page - Siemens Semiconductor Group BFP520 Datasheet HTML 2Page - Siemens Semiconductor Group BFP520 Datasheet HTML 3Page - Siemens Semiconductor Group BFP520 Datasheet HTML 4Page - Siemens Semiconductor Group BFP520 Datasheet HTML 5Page - Siemens Semiconductor Group BFP520 Datasheet HTML 6Page - Siemens Semiconductor Group BFP520 Datasheet HTML 7Page - Siemens Semiconductor Group BFP520 Datasheet HTML 8Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
BFP 520
Semiconductor Group
Sep-09-1998
3
Common Emitter S-Parameters
f
S11
S21
S12
S22
GHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
VCE = 2 V, /C = 20 mA
0.01
0.1
0.5
1
2
3
4
5
6
0.7244
0.7251
0.6368
0.4768
0.2816
0.225
0.2552
0.3207
0.3675
-0.7
-8.4
-40.7
-73.6
-123.8
-166
156.2
133.6
118.7
32.273
31.637
27.293
19.6
11.02
7.48
5.636
4.488
3.683
178.6
171.4
140.7
113.5
84.9
67.6
53
39.7
27.5
0.0007
0.0041
0.0194
0.0351
0.00574
0.0788
0.0994
0.1177
0.1343
69.4
92.8
75.9
66.5
56.3
49.2
41.5
32.9
24.7
0.9052
0.9363
0.8523
0.6496
0.3818
0.2407
0.1544
0.095
0.0545
1.2
-4.4
-26.7
-46
-64.6
-73.6
-95.3
-128.9
177.6
Common Emitter Noise Parameters
f
Fmin 1)
Ga 1)
Γ
opt
RN
rn
F50Ω 2)
|
S21|2 2)
GHz
dB
dB
MAG
ANG
Ω
-
dB
dB
VCE = 2 V, IC = 2 mA
0.9
1.8
2.4
3
4
5
6
0.72
0.95
1.07
1.3
1.35
1.7
1.95
21.5
20
16
14.5
11.6
9.5
8
0.64
0.49
0.45
0.4
0.26
0.14
0.12
14
30
41
54
82
128
151
21.5
19
18
16.5
12.5
9
8
0.43
0.38
0.36
0.33
0.25
0.18
0.16
1.75
1.55
1.6
1.7
1.6
1.85
1.95
16.1
15.14
14.07
13.13
11.49
9.87
8.28
VCE = 2 V, IC = 5 mA
0.9
1.8
2.4
3
4
5
6
0.89
1.08
1.12
1.32
1.35
1.6
1.8
22
20.5
18
16.2
13.5
11.5
10.5
0.49
0.38
0.34
0.29
0.156
0.08
0.07
12
22
33
45
71
120
150
16
14
14
13.5
11
10
8
0.32
0.28
0.28
0.27
0.22
0.2
0.16
1.5
1.38
1.4
1.5
1.45
1.65
1.8
21.94
19.34
17.54
16.01
13.82
11.93
10.23
1) Input matched for minimum noise figure, output for maximum gain
2)
ZS = ZL = 50Ω
For more and detailed S- and Noise-parameters please contact your local Siemens
distributor or sales office to obtain a Siemens Application Notes CD-ROM or see Internet:
http://www.siemens.de/Semiconductor/products/35/35.htm
Semiconductor Group
3
1998-11-01



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com