Electronic Components Datasheet Search
  English  ▼

X  

BFP520 Datasheet(PDF) 7 Page - Siemens Semiconductor Group

Part # BFP520
Description  NPN Silicon RF Transistor (For highest gain low noise amplifier at 1.8 GHz and 2 mA / 2 V)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BFP520 Datasheet(HTML) 7 Page - Siemens Semiconductor Group

  BFP520 Datasheet HTML 1Page - Siemens Semiconductor Group BFP520 Datasheet HTML 2Page - Siemens Semiconductor Group BFP520 Datasheet HTML 3Page - Siemens Semiconductor Group BFP520 Datasheet HTML 4Page - Siemens Semiconductor Group BFP520 Datasheet HTML 5Page - Siemens Semiconductor Group BFP520 Datasheet HTML 6Page - Siemens Semiconductor Group BFP520 Datasheet HTML 7Page - Siemens Semiconductor Group BFP520 Datasheet HTML 8Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
BFP 520
Semiconductor Group
Sep-09-1998
7
Power gain
Gma, Gms, |S21|2 = f ( f )
VCE = 2V, IC = 20 mA
0.0
1.0
2.0
3.0
4.0
GHz
6.0
f
0
4
8
12
16
20
24
28
32
36
dB
44
Gms
Gma
|
S21|2
Power gain
Gma, Gms = f (IC)
VCE = 2V
f = parameter in GHz
0
5
10
15
20
25
30
35
mA
45
IC
0
4
8
12
16
20
24
dB
32
0.9
1.8
2.4
3
4
5
6
Power gain
Gma, Gms = f (VCE)
IC = 20 mA
f = parameter in GHz
0.0
0.5
1.0
1.5
2.0
V
3.0
VCE
0
4
8
12
16
20
24
dB
32
0.9
1.8
2.4
3
4
5
6
Collector-base capacitance
Ccb = f (VCB)
VBE = 0, f = 1MHz
0.0
0.5
1.0
1.5
2.0
V
3.0
VCB
0.00
0.05
0.10
0.15
0.20
0.25
pF
0.35
Semiconductor Group
7
1998-11-01



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com