Electronic Components Datasheet Search
  English  ▼

X  

AD9628 Datasheet(PDF) 39 Page - Analog Devices

Part # AD9628
Description  12-Bit, 125/105 MSPS, 1.8 V Dual Analog-to-Digital Converter
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9628 Datasheet(HTML) 39 Page - Analog Devices

Back Button AD9628 Datasheet HTML 35Page - Analog Devices AD9628 Datasheet HTML 36Page - Analog Devices AD9628 Datasheet HTML 37Page - Analog Devices AD9628 Datasheet HTML 38Page - Analog Devices AD9628 Datasheet HTML 39Page - Analog Devices AD9628 Datasheet HTML 40Page - Analog Devices AD9628 Datasheet HTML 41Page - Analog Devices AD9628 Datasheet HTML 42Page - Analog Devices AD9628 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 44 page
background image
AD9628
Rev. 0 | Page 39 of 44
MEMORY MAP REGISTER DESCRIPTIONS
For additional information about functions controlled in
Register 0x00 to Register 0xFF, see the AN-877 Application Note,
Interfacing to High Speed ADCs via SPI.
Power Modes (Register 0x08)
Bits[7:6]—Open
Bit 5—External Power-Down Pin Function
If set, the external PDWN pin initiates power-down mode.
If clear, the external PDWN pin initiates standby mode.
Bits[4:2]—Open
Bits[1:0]—Internal Power-Down Mode
In normal operation (Bits[1:0] = 00), both ADC channels are
active.
In power-down mode (Bits[1:0] = 01), the digital data path clocks
are disabled while the digital data path is reset. Outputs are
disabled.
In standby mode (Bits[1:0] = 10), the digital data path clocks
and the outputs are disabled.
During a digital reset (Bits[1:0] = 11), the digital data path clocks
are disabled while the digital data path is held in reset. The outputs
are enabled in this state. For optimum performance, it is recom-
mended that both ADC channels be reset simultaneously. This
is accomplished by ensuring that both channels are selected via
Register 0x05 prior to issuing the digital reset instruction.
Enhancement Control (Register 0x0C)
Bits[7:3]—Open
Bit 2—Chop Mode
For applications that are sensitive to offset voltages and other
low frequency noise, such as homodyne or direct-conversion
receivers, chopping in the first stage of the AD9628 is a feature
that can be enabled by setting Bit 2. In the frequency domain,
chopping translates offsets and other low frequency noise to
fCLK/2 where it can be filtered.
Bits[1:0]—Open
Output Mode (Register 0x14)
Bits[7:6]—Output Port Logic Type
00 = CMOS, 1.8 V
10 = LVDS, ANSI
11 = LVDS, reduced range
Bit 5—Output Interleave Enable
For LVDS outputs, setting Bit 5 enables interleaving. Channel A
is sent coincident with a high DCO clock, and Channel B is
coincident with a low DCO clock. Clearing Bit 5 disables the
interleaving feature. Channel A is sent on least significant bits
(LSBs), and Channel B is sent on most significant bits (MSBs).
The even bits are sent coincident with a high DCO clock, and
the odd bits are sent coincident with a low DCO clock.
For CMOS outputs, setting Bit 5 enables interleaving in CMOS
DDR mode. On ADC Output Port A, Channel A is sent coincident
with a low DCO clock, and Channel B is coincident with a high
DCO clock. On ADC Output Port B, Channel B is sent coincident
with a low DCO clock, and Channel A is coincident with a high
DCO clock. Clearing Bit 5 disables the interleaving feature, and
data is output in CMOS SDR mode. Channel A is sent to Port A,
and Channel B is sent to Port B.
Bit 4—Output Port Disable
Setting Bit 4 high disables the output port for the channels
selected in Bits[1:0] of the device index register (Register 0x05).
Bit 3—Open
Bit 2—Output Invert
Setting Bit 2 high inverts the output port data for the channels
selected in Bits[1:0] of the device index register (Register 0x05).
Bits[1:0]—Output Format
00 = offset binary
01 = twos complement
10 = Gray code
Sync Control (Register 0x3A)
Bits[7:3]—Open
Bit 2—Clock Divider Next Sync Only
If the clock divider sync enable bit (Address 0x3A, Bit 1) is high,
Bit 2 allows the clock divider to sync to the first sync pulse it
receives and to ignore the rest. The clock divider sync enable bit
resets after it syncs.
Bit 1—Clock Divider Sync Enable
Bit 1 gates the sync pulse to the clock divider. The sync signal is
enabled when Bit 1 is high. This is continuous sync mode.
Bit 0—Open
Transfer (Register 0xFF)
All registers except Register 0x100 are updated the moment they
are written. Setting Bit 0 of this transfer register high initializes
the settings in the ADC sample rate override register (Address
0x100).
Sample Rate Override (Register 0x100)
This register is designed to allow the user to downgrade the device.
Any attempt to upgrade the default speed grade results in a chip
power-down. Settings in this register are not initialized until Bit 0
of the transfer register (Register 0xFF) is written high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com