Electronic Components Datasheet Search
  English  ▼

X  

AD9628 Datasheet(PDF) 20 Page - Analog Devices

Part # AD9628
Description  12-Bit, 125/105 MSPS, 1.8 V Dual Analog-to-Digital Converter
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9628 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD9628 Datasheet HTML 16Page - Analog Devices AD9628 Datasheet HTML 17Page - Analog Devices AD9628 Datasheet HTML 18Page - Analog Devices AD9628 Datasheet HTML 19Page - Analog Devices AD9628 Datasheet HTML 20Page - Analog Devices AD9628 Datasheet HTML 21Page - Analog Devices AD9628 Datasheet HTML 22Page - Analog Devices AD9628 Datasheet HTML 23Page - Analog Devices AD9628 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 44 page
background image
AD9628
Rev. 0 | Page 20 of 44
0
–15
–30
–45
–60
–75
–90
–105
–120
–135
6
12
18
24
30
36
42
48
54
60
FREQUENCY (MHz)
2F1 – F2
2F2 – F1
2F1 + F2
+
Figure 14. Two-Tone FFT with fIN1 = 29 MHz and fIN2 = 32 MHz
50
55
60
65
70
75
80
85
90
95
100
0
50
100
150
200
250
ANALOG INPUT FREQUENCY (MHz)
SFDR AT 25°C
SNRFS AT 25°C
Figure 15. SNR/SFDR vs. Input Frequency (AIN) with 2 V p-p Full Scale
0
20
40
60
80
100
120
5
15
25
35
45
55
65
75
85
95
105 115 125
SAMPLE RATE (MSPS)
SNR (dBFS)
SFDR (dBc)
Figure 16. SNR/SFDR vs. Sample Rate with AIN = 9.7 MHz
–120
–100
–80
–60
–40
–20
0
–70
–
60
–
50
–
40
–
30
–20
–10
INPUT AMPLITUDE (dBFS)
IMD3 (dBc)
IMD3 (DBFS)
SFDR (dBFS)
SFDR (dBc)
Figure 17. Two-Tone SFDR/IMD3 vs. Input Amplitude (AIN) with fIN1 = 29 MHz
and fIN2 = 32 MHz
0
10
20
30
40
50
60
70
80
90
100
–70
–60
–50
–40
–30
–20
–10
0
INPUT AMPLITUDE (dBFS)
SNRFS
SNR
SFDR
SFDRFS
Figure 18. SNR/SFDR vs. Input Amplitude (AIN) with fIN = 9.7 MHz
0
20
40
60
80
100
120
5
15
25
35
45
55
65
75
85
95
105 115 125
SAMPLE RATE (MSPS)
SNR (dBFS)
SFDR (dBc)
Figure 19. SNR/SFDR vs. Sample Rate with AIN = 70 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com