Electronic Components Datasheet Search
  English  ▼

X  

AD9628 Datasheet(PDF) 18 Page - Analog Devices

Part # AD9628
Description  12-Bit, 125/105 MSPS, 1.8 V Dual Analog-to-Digital Converter
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9628 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD9628 Datasheet HTML 14Page - Analog Devices AD9628 Datasheet HTML 15Page - Analog Devices AD9628 Datasheet HTML 16Page - Analog Devices AD9628 Datasheet HTML 17Page - Analog Devices AD9628 Datasheet HTML 18Page - Analog Devices AD9628 Datasheet HTML 19Page - Analog Devices AD9628 Datasheet HTML 20Page - Analog Devices AD9628 Datasheet HTML 21Page - Analog Devices AD9628 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 44 page
background image
AD9628
Rev. 0 | Page 18 of 44
Pin No.
Mnemonic
Type
Description
Digital Outputs
11
B D1−/D0−(LSB)
Output
Channel B LVDS Output Data 1/Data 0—Complement.
12
B D1+/D0+(LSB)
Output
Channel B LVDS Output Data 1/Data 0—True.
13
B D3−/D2−
Output
Channel B LVDS Output Data 3/Data 2—Complement.
14
B D3+/D2+
Output
Channel B LVDS Output Data 3/Data 2—True.
15
B D5−/D4−
Output
Channel B LVDS Output Data 5/Data 4—Complement.
16
B D5+/D4+
Output
Channel B LVDS Output Data 5/Data 4—True.
17
B D7−/D6−
Output
Channel B LVDS Output Data 7/Data 6—Complement.
18
B D7+/D6+
Output
Channel B LVDS Output Data 7/Data 6—True.
20
B D9−/D8−
Output
Channel B LVDS Output Data 9/Data 8—Complement.
21
B D9+/D8+
Output
Channel B LVDS Output Data 9/Data 8—True.
22
B D11−/D10− (MSB)
Output
Channel B LVDS Output Data 11/Data 10—Complement.
23
B D11+/D10+ (MSB)
Output
Channel B LVDS Output Data 11/Data 10—True.
29
A D1−/D0−(LSB)
Output
Channel A LVDS Output Data 1/Data 0—Complement.
30
A D1+/D0+(LSB)
Output
Channel A LVDS Output Data 1/Data 0—True.
32
A D3−/D2−
Output
Channel A LVDS Output Data 3/Data 2—Complement.
31
A D3+/D2+
Output
Channel A LVDS Output Data 3/Data 2—True.
34
A D5+/D4+
Output
Channel A LVDS Output Data 5/Data 4—Complement.
33
A D5−/D4−
Output
Channel A LVDS Output Data 5/Data 4—True.
36
A D7+/D6+
Output
Channel A LVDS Output Data 7/Data 6—Complement.
35
A D7−/D6−
Output
Channel A LVDS Output Data 7/Data 6—True.
39
A D9+/D8_
Output
Channel A LVDS Output Data 9/Data 8—Complement.
38
A D9−/D8−
Output
Channel A LVDS Output Data 9/Data 8—True.
41
A D11+/D10+(MSB)
Output
Channel A LVDS Output Data 11/Data 10—Complement.
40
A D11−/D10−(MSB)
Output
Channel A LVDS Output Data 11/Data 10—True.
43
OR+
Output
Channel A/Channel B LVDS Overrange Output—True.
42
OR−
Output
Channel A/Channel B LVDS Overrange Output—Complement.
25
DCO+
Output
Channel A/Channel B LVDS Data Clock Output—True.
24
DCO−
Output
Channel A/Channel B LVDS Data Clock Output—Complement.
SPI Control
45
SCLK/DFS
Input
SPI Serial Clock/Data Format Select Pin in External Pin Mode.
44
SDIO/DCS
Input/Output
SPI Serial Data I/O/Duty Cycle Stabilizer Pin in External Pin Mode.
46
CSB
Input
SPI Chip Select (Active Low).
ADC Configuration
47
OEB
Input
Output Enable Input (Active Low). Pin must be enabled via SPI.
48
PDWN
Input
Power-Down Input in External Pin Mode. In SPI mode, this input can be
configured as power-down or standby.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com