Electronic Components Datasheet Search
  English  ▼

X  

AD9628 Datasheet(PDF) 32 Page - Analog Devices

Part # AD9628
Description  12-Bit, 125/105 MSPS, 1.8 V Dual Analog-to-Digital Converter
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9628 Datasheet(HTML) 32 Page - Analog Devices

Back Button AD9628 Datasheet HTML 28Page - Analog Devices AD9628 Datasheet HTML 29Page - Analog Devices AD9628 Datasheet HTML 30Page - Analog Devices AD9628 Datasheet HTML 31Page - Analog Devices AD9628 Datasheet HTML 32Page - Analog Devices AD9628 Datasheet HTML 33Page - Analog Devices AD9628 Datasheet HTML 34Page - Analog Devices AD9628 Datasheet HTML 35Page - Analog Devices AD9628 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 44 page
background image
AD9628
Rev. 0 | Page 32 of 44
BUILT-IN SELF-TEST (BIST) AND OUTPUT TEST
The AD9628 includes a built-in test feature designed to enable
verification of the integrity of each channel, as well as to
facilitate board level debugging. A built-in self-test (BIST) feature
that verifies the integrity of the digital datapath of the AD9628
is included. Various output test options are also provided to place
predictable values on the outputs of the AD9628.
BUILT-IN SELF-TEST (BIST)
The BIST is a thorough test of the digital portion of the selected
AD9628 signal path. Perform the BIST test after a reset to ensure
that the part is in a known state. During BIST, data from an internal
pseudorandom noise (PN) source is driven through the digital
datapath of both channels, starting at the ADC block output. At
the datapath output, CRC logic calculates a signature from the
data. The BIST sequence runs for 512 cycles and then stops.
Once completed, the BIST compares the signature results with a
predetermined value. If the signatures match, the BIST sets Bit 0
of Register 0x24, signifying the test passed. If the BIST test fails,
Bit 0 of Register 0x24 is cleared. The outputs are connected
during this test, so the PN sequence can be observed as it runs.
Writing the value 0x05 to Register 0x0E runs the BIST. This enables
Bit 0 (BIST enable) of Register 0x0E and resets the PN sequence
generator, Bit 2 (initialize BIST sequence) of Register 0x0E. At the
completion of the BIST, Bit 0 of Register 0x24 is automatically
cleared. The PN sequence can be continued from its last value
by writing a 0 in Bit 2 of Register 0x0E. However, if the PN
sequence is not reset, the signature calculation does not equal
the predetermined value at the end of the test. At that point, the
user must rely on verifying the output data.
OUTPUT TEST MODES
The output test options are described in Table 18 at Address 0x0D.
When an output test mode is enabled, the analog section of the
ADC is disconnected from the digital back-end blocks and the
test pattern is run through the output formatting block. Some of
the test patterns are subject to output formatting, and some are
not. The PN generators from the PN sequence tests can be reset
by setting Bit 4 or Bit 5 of Register 0x0D. These tests can be
performed with or without an analog signal (if present, the
analog signal is ignored), but they do require an encode clock.
For more information, see the AN-877 Application Note,
Interfacing to High Speed ADCs via SPI.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com