Electronic Components Datasheet Search
  English  ▼

X  

DLM Datasheet(PDF) 28 Page - ITT Industries

Part # DLM
Description  ZERO INSERTION FORCE CONNECTORS
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DLM Datasheet(HTML) 28 Page - ITT Industries

Back Button DLM Datasheet HTML 24Page - ITT Industries DLM Datasheet HTML 25Page - ITT Industries DLM Datasheet HTML 26Page - ITT Industries DLM Datasheet HTML 27Page - ITT Industries DLM Datasheet HTML 28Page - ITT Industries DLM Datasheet HTML 29Page - ITT Industries DLM Datasheet HTML 30Page - ITT Industries DLM Datasheet HTML 31Page - ITT Industries DLM Datasheet HTML 32Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 76 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
27
ZIF Connectors
DLD2
DLD2 — Plastic Body — 96 Pin Connectors — Square Post Contacts
Plug
Receptacle
Part Number
Nomenclature
A
111922-0001
DLD2-96PW4A
15,37 (.605)
111922-0002
DLD2-96PW6A
7,11 (.280)
Part Number
Nomenclature
A
111921-0001
DLD2-96RW4B
15,37 (.605)
111921-0002
DLD2-96RW6B
7,11 (.280)
For contact cavity arrangement, see page 68.
For panel cutout and mounting hole pattern,
see page 67.
Front Removable 0,64 (.025) Square Posts
2,54 (.100) Centers.
For PC hole patterns, see page 61.
For assembly dimensions and mating
sequence, see page 70.
For contact cavity arrangement, see page 68.
For panel cutout and mounting hole pattern,
see page 67.
For PC hole patterns, see page 61.
Front Removable 0,64 (.025) Square Posts
2,54 (.100) Centers.
For assembly dimensions and mating
sequence, see page 70.
50,60 (1.994)
65,80 (2.592)
28,12 (1.108)
19,38 (.763)
57,91 (2.280)
4X Ø 3,03
(.119)
7,92 (.312)
0,64 (.025)
27,75
(1.093)
6,35 (.250)
A
24,05
(.947)
7 SPACES @ 2,54 (.100)
= 17,78 (.700)
6 SPACES @ 2,54 (.100)
= 15,24 (.600)
6 SPACES @ 2,54 (.100)
= 15,24 (.600)
50,60 (1.994)
50,60 (1.994)
57,91 (2.280)
65,80 (2.592)
85,72 (3.375) REF
19,38 (.763)
28,12 (1.108)
6,35 (.250)
0,64 (.025)
7,75 (.305)
CAM, ACTUATOR
RECEPTACLE CONNECTOR
ASSEMBLY
57,03
(2.245)
2,03 (.080) REF
3,18 (.125) REF
A
4X SCREW, SPRING
MOUNTING
NO. 4-40 UNC SCREW
[SUPPLIED BY CUSTOMER]
4X SPRING,
COMPRESSION
FRONT MOUNTING
PLATE-ASSEMBLY
[SUPPLIED BY CUSTOMER]
REAR PANEL, MOUNTING
[STATIONARY]
[SUPPLIED BY CUSTOMER]
CONTACT,
WRAP POST
24,97 (.983)
24,05 (.947)
7 SPACES @2,54 (.100)
= 17,78 (.700)
50,60
(1.994)
6 SPACES @2,54 (.100)
= 15,24 (.600)
6 SPACES @2,54 (.100)
= 15,24 (.600)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com