Electronic Components Datasheet Search
  English  ▼

X  

DLM Datasheet(PDF) 75 Page - ITT Industries

Part # DLM
Description  ZERO INSERTION FORCE CONNECTORS
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DLM Datasheet(HTML) 75 Page - ITT Industries

Back Button DLM Datasheet HTML 68Page - ITT Industries DLM Datasheet HTML 69Page - ITT Industries DLM Datasheet HTML 70Page - ITT Industries DLM Datasheet HTML 71Page - ITT Industries DLM Datasheet HTML 72Page - ITT Industries DLM Datasheet HTML 73Page - ITT Industries DLM Datasheet HTML 74Page - ITT Industries DLM Datasheet HTML 75Page - ITT Industries DLM Datasheet HTML 76Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 75 / 76 page
background image
Cannon Worldwide Facilities
Austria:
Afrikanergasse 3
1020 Vienna
FAX: 43.1.2160948
PH: 43.1.2160947
Benelux:
Rue Col. Bourg Str. 105A
1140 Brussels, Belgium
FAX: 32.2.7269201
PH: 32.2.7267594
China:
No. 24, Block 2
Taohuawu New District
Zhenjiang, Jiangsu
P.R.C.
FAX: 86.511.442.8616
PH: 86.511.443.3399
Denmark:
Park Allé 287 A
2605 Brøndby
FAX: 45.43.43.58.58
PH: 45.43.45.52.88
Finland:
Sarkatie 2
01720 Vantaa
FAX: 358.9.7003.9188
PH: 358.9.7003.9180
France:
2, Ave Sablons Bouillants
77107 Meaux
FAX: 33.1.64.33.16.82
PH: 33.1.60.24.51.51
Germany:
Postfach 11 20
71365 Weinstadt (letters)
Cannonstrasse 1
71384 Weinstadt (parcels)
FAX: 49.7151.699.217
PH: 49.7151.699.0
Hong Kong:
906 New World Office Building
West Wing
20 Salisbury Road
Tsim Sha Tsui, Kowloon
FAX: 852.2369.5651
PH: 852.2732.2720
Italy:
Via Panzeri 10
20123 Milano
FAX: 39.2.8372036
PH: 39.2.58180.1
Japan:
5362-1, 5-chome, Hibarigaoka
Zama-shi, Kanagawa 228
FAX: 81.462.57.1680
PH: 81.462.57.2010
Korea:
620, Changkang Bldg.
#22, Dohwa-dong, Mapo-ku
Seoul
FAX: 82.2.717.7330
PH: 82.2.702.7111
Netherlands:
FAX: 31.35.691.8796
PH: 31.35.691.6855
Spain:
Edificio Italia 1 a Planta
Parque Empresarial San Fernando
28831 San Fernando de Henares
Madrid
FAX: 34.91.656.15.83
PH: 34.91.656.03.11
Sweden:
Norr Mälarstrand 64
Jaktvarvet 1
S 112 35 Stockholm
FAX: 46.8.650.0072
PH: 46.8.650.0071
Switzerland:
Herzogenmühle 18
8304 Wallisellen
PH: 41.1.830.3888
FAX: 41.1.830.3104
PH: 41.1.830.3613
United Kingdom:
Jays Close, Viables Estate
Basingstoke, Hants, RG22 4BW
FAX: 44.1256.323356
PH: 44.1256.311200
United States:
666 E. Dyer Road
Santa Ana, CA 92705-5612
FAX: 1.714.628.2142
PH: 1.714.557.4700
Internet:
http://www.ittcannon.com
DL99
1999 ITT Industries, Inc. Printed in USA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com